| 전자부품 데이터시트 검색엔진 |
|
STM32F205RBH6 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F205RBH6 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 184 page ![]() Description STM32F20xxx 18/184 DocID15818 Rev 15 2.1 Full compatibility throughout the family The STM32F205xx and STM32F207xx constitute the STM32F20x family whose members are fully pin-to-pin, software and feature compatible, allowing the user to try different memory densities and peripherals for a greater degree of freedom during the development cycle. The STM32F205xx and STM32F207xx devices maintain a close compatibility with the whole STM32F10xxx family. All functional pins are pin-to-pin compatible. The STM32F205xx and STM32F207xx, however, are not drop-in replacements for the STM32F10xxx devices: the two families do not have the same power scheme, and so their power pins are different. Nonetheless, transition from the STM32F10xxx to the STM32F20x family remains simple as only a few pins are impacted. Figure 1, Figure 2 and Figure 3 provide compatible board designs between the STM32F20x and the STM32F10xxx family. Figure 1. Compatible board design between STM32F10x and STM32F2xx for LQFP64 package |