| 전자부품 데이터시트 검색엔진 |
|
STM32F207VCH6 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F207VCH6 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 184 page ![]() Pinouts and pin description STM32F20xxx 50/184 DocID15818 Rev 15 22 H5 31 42 52 P3 PA6 I/O FT (4) SPI1_MISO, TIM8_BKIN, TIM13_CH1, DCMI_PIXCLK, TIM3_CH1, TIM1_BKIN, EVENTOUT ADC12_IN6 23 J7 32 43 53 R3 PA7 I/O FT (4) SPI1_MOSI, TIM8_CH1N, TIM14_CH1, TIM3_CH2, ETH_MII_RX_DV, TIM1_CH1N, ETH_RMII_CRS_DV, EVENTOUT ADC12_IN7 24 H4 33 44 54 N5 PC4 I/O FT (4) ETH_RMII_RXD0, ETH_MII_RXD0, EVENTOUT ADC12_IN14 25 G3 34 45 55 P5 PC5 I/O FT (4) ETH_RMII_RXD1, ETH_MII_RXD1, EVENTOUT ADC12_IN15 26 J6 35 46 56 R5 PB0 I/O FT (4) TIM3_CH3, TIM8_CH2N, OTG_HS_ULPI_D1, ETH_MII_RXD2, TIM1_CH2N, EVENTOUT ADC12_IN8 27 J5 36 47 57 R4 PB1 I/O FT (4) TIM3_CH4, TIM8_CH3N, OTG_HS_ULPI_D2, ETH_MII_RXD3, TIM1_CH3N, EVENTOUT ADC12_IN9 28 J4 37 48 58 M6 PB2/BOOT1 (PB2) I/O FT - EVENTOUT - - - - 49 59 R6 PF11 I/O FT - DCMI_D12, EVENTOUT - - - - 50 60 P6 PF12 I/O FT - FSMC_A6, EVENTOUT - -- - 51 61 M8 VSS S- - - -- - 52 62 N8 VDD S- - - - - - 53 63 N6 PF13 I/O FT - FSMC_A7, EVENTOUT - - - - 54 64 R7 PF14 I/O FT - FSMC_A8, EVENTOUT - - - - 55 65 P7 PF15 I/O FT - FSMC_A9, EVENTOUT - - - - 56 66 N7 PG0 I/O FT - FSMC_A10, EVENTOUT - - - - 57 67 M7 PG1 I/O FT - FSMC_A11, EVENTOUT - Table 8. STM32F20x pin and ball definitions (continued) Pins Pin name (function after reset)(1) Alternate functions Additional functions |