| 전자부품 데이터시트 검색엔진 |
|
MY4F 데이터시트(PDF) 26 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MY4F 데이터시트(HTML) 26 Page - Omron Electronics LLC |
|
26 / 36 page ![]() 26 MY(S) Dimensions (Unit: mm) Note: All units are in millimeters unless otherwise indicated. Socket Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes PYF-08-PU 67.5 27.6 30.8 28.1 35.5 27.25 27.6 36.3 45 3.9 71.5 max. 52.1 (4.2) (4.2) 90 max. 31 max. (13) (1) (4) (5) (8) (9) (12) (14) 14 42 44 41 12 11 A2 A1 Note: The numbers in parentheses are traditionally used terminal numbers. Two M4 screw holes or two 4-dia. holes 108 Note 1: Pull out the hooks to mount the Relay with screws. Note 2: DIN-rail mounting is also possible. Refer to page 34 for supporting DIN-rails. PYF08A-E 31 max. 23 max. 72 max. Two, 4.2 x 5 mounting holes Eight, M3 x 8 (TOP VIEW) Two, M3, M4, or 4.5-dia. holes Note: DIN-rail mounting is also possible. Refer to page 34 for supporting DIN-rails. PYF08A-N 4 42 8 44 1 12 5 14 41 12 A2 14 11 9 A1 13 A2 14 PYF-08A-N 73 22 max. 67 max. 30 max. Eight, M3×8 4 42 1 8 5 12 9 14 14 13 44 12 14 41 11 A2 A2 A1 Note: Figures in parentheses indicate DIN standard numbers. 18.7 3.0 dia. 3.5 dia. or M3 Note: DIN-rail mounting is also possible. Refer to page 34 for supporting DIN-rails. PYF08A 6 4 35.4 3.4 16.5 23 max. 30 max. 72 max. 6 +0.2 −0.1 Eight, M3×8 Two, 4.2 × 5 mounting holes (TOP VIEW) Two, M3, M4, or 4.5-dia. holes Note: DIN-rail mounting is also possible. Refer to page 34 for supporting DIN-rails. |