| 전자부품 데이터시트 검색엔진 |
|
STM32F427AG 데이터시트(PDF) 74 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AG 데이터시트(HTML) 74 Page - STMicroelectronics |
|
74 / 231 page ![]() Port A PA13 JTMS- SWDI O -- - - - - - - - - - - - - EVEN TOUT PA14 JTCK- SWCL K -- - - - - - - - - - - - - EVEN TOUT PA15 JTDI TIM2_ CH1/TIM2 _ETR -- - SPI1_ NSS SPI3_ NSS/ I2S3_WS -- - - - - - - EVEN TOUT Port B PB0 - TIM1_ CH2N TIM3_ CH3 TIM8_ CH2N - - - - - LCD_R3 OTG_HS_ ULPI_D1 ETH_MII_ RXD2 -- - EVEN TOUT PB1 - TIM1_ CH3N TIM3_ CH4 TIM8_ CH3N - - - - - LCD_R6 OTG_HS_ ULPI_D2 ETH_MII_ RXD3 -- - EVEN TOUT PB2 - - - - - - - - - - - - - - - EVEN TOUT PB3 JTDO/ TRAC ESWO TIM2_ CH2 -- - SPI1_ SCK SPI3_ SCK/ I2S3_CK -- - - - - - - EVEN TOUT PB4 NJTR ST - TIM3_ CH1 -- SPI1_ MISO SPI3_ MISO I2S3ext_ SD -- - - - - - EVEN TOUT PB5 - - TIM3_ CH2 - I2C1_ SMBA SPI1_ MOSI SPI3_ MOSI/ I2S3_SD - - CAN2_RX OTG_HS_ ULPI_D7 ETH_PPS _OUT FMC_ SDCKE1 DCMI_ D10 - EVEN TOUT PB6 - - TIM4_ CH1 - I2C1_ SCL -- USART1_ TX -CAN2_TX - - FMC_ SDNE1 DCMI_ D5 - EVEN TOUT PB7 - - TIM4_ CH2 - I2C1_ SDA -- USART1_ RX - - - - FMC_NL DCMI_ VSYNC - EVEN TOUT PB8 - - TIM4_ CH3 TIM10_ CH1 I2C1_ SCL - - - - CAN1_RX - ETH_MII_ TXD3 SDIO_D4 DCMI_ D6 LCD_B6 EVEN TOUT PB9 - - TIM4_ CH4 TIM11_ CH1 I2C1_ SDA SPI2_ NSS/I2 S2_WS - - - CAN1_TX - - SDIO_D5 DCMI_ D7 LCD_B7 EVEN TOUT PB10 - TIM2_ CH3 -- I2C2_ SCL SPI2_ SCK/I2 S2_CK - USART3_ TX -- OTG_HS_ ULPI_D3 ETH_MII_ RX_ER - - LCD_G4 EVEN TOUT Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11 I2C1/ 2/3 SPI1/2/ 3/4/5/6 SPI2/3/ SAI1 SPI3/ USART1/ 2/3 USART6/ UART4/5/7 /8 CAN1/2/ TIM12/13/14 /LCD OTG2_HS /OTG1_ FS ETH FMC/SDIO /OTG2_FS DCMI LCD SYS |