전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F429NET6TR 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 STM32F429NET6TR
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NET6TR 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button STM32F429NET6TR Datasheet HTML 2Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 3Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 4Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 5Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 6Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 7Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 8Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 9Page - STMicroelectronics STM32F429NET6TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 231 page
background image
List of tables
STM32F427xx STM32F429xx
6/231
DocID024030 Rev 6
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
STM32F427xx and STM32F429xx features and peripheral counts . . . . . . . . . . . . . . . . . . 14
Table 3.
Voltage regulator configuration mode versus device operating mode . . . . . . . . . . . . . . . . 27
Table 4.
Regulator ON/OFF and internal reset ON/OFF availability. . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 5.
Voltage regulator modes in stop mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 6.
Timer feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 7.
Comparison of I2C analog and digital filters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Table 8.
USART feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 9.
Legend/abbreviations used in the pinout table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 10.
STM32F427xx and STM32F429xx pin and ball definitions . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 11.
FMC pin definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Table 12.
STM32F427xx and STM32F429xx alternate function mapping . . . . . . . . . . . . . . . . . . . . . 73
Table 13.
STM32F427xx and STM32F429xx register boundary addresses. . . . . . . . . . . . . . . . . . . . 85
Table 14.
Voltage characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 91
Table 15.
Current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
Table 16.
Thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 92
Table 17.
General operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 93
Table 18.
Limitations depending on the operating power supply range . . . . . . . . . . . . . . . . . . . . . . . 95
Table 19.
VCAP1/VCAP2 operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
Table 20.
Operating conditions at power-up / power-down (regulator ON) . . . . . . . . . . . . . . . . . . . . 96
Table 21.
Operating conditions at power-up / power-down (regulator OFF). . . . . . . . . . . . . . . . . . . . 96
Table 22.
reset and power control block characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
Table 23.
Over-drive switching characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
Table 24.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator enabled except prefetch) or RAM . . . . . . 100
Table 25.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART accelerator disabled) . . . . . . . . . . . . . . . . . . . . . . . . . 101
Table 26.
Typical and maximum current consumption in Sleep mode . . . . . . . . . . . . . . . . . . . . . . . 102
Table 27.
Typical and maximum current consumptions in Stop mode . . . . . . . . . . . . . . . . . . . . . . . 103
Table 28.
Typical and maximum current consumptions in Standby mode . . . . . . . . . . . . . . . . . . . . 103
Table 29.
Typical and maximum current consumptions in VBAT mode. . . . . . . . . . . . . . . . . . . . . . . 104
Table 30.
Typical current consumption in Run mode, code with data processing running from
Flash memory or RAM, regulator ON (ART accelerator enabled except prefetch),
VDD=1.7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Table 31.
Typical current consumption in Run mode, code with data processing running
from Flash memory, regulator OFF (ART accelerator enabled except prefetch). . . . . . . 107
Table 32.
Typical current consumption in Sleep mode, regulator ON, VDD=1.7 V . . . . . . . . . . . . . 108
Table 33.
Tyical current consumption in Sleep mode, regulator OFF. . . . . . . . . . . . . . . . . . . . . . . . 109
Table 34.
Switching output I/O current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Table 35.
Peripheral current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
Table 36.
Low-power mode wakeup timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Table 37.
High-speed external user clock characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 116
Table 38.
Low-speed external user clock characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
Table 39.
HSE 4-26 MHz oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
Table 40.
LSE oscillator characteristics (fLSE = 32.768 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Table 41.
HSI oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120
Table 42.
LSI oscillator characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 121
Table 43.
Main PLL characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More