전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HC257 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 HC257
상세설명  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC257 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button HC257 Datasheet HTML 6Page - STMicroelectronics HC257 Datasheet HTML 7Page - STMicroelectronics HC257 Datasheet HTML 8Page - STMicroelectronics HC257 Datasheet HTML 9Page - STMicroelectronics HC257 Datasheet HTML 10Page - STMicroelectronics HC257 Datasheet HTML 11Page - STMicroelectronics HC257 Datasheet HTML 12Page - STMicroelectronics HC257 Datasheet HTML 13Page - STMicroelectronics HC257 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
74VHC257
12/14
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.7
6.9
0.264
0.272
Bo
5.3
5.5
0.209
0.217
Ko
1.6
1.8
0.063
0.071
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel TSSOP16 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14