| 전자부품 데이터시트 검색엔진 |
|
STM32F427IIH6TR 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IIH6TR 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 231 page ![]() DocID024030 Rev 6 63/231 STM32F427xx STM32F429xx Pinouts and pin description 83 68 101 E8 E15 120 E2 143 E15 PA9 I/O FT TIM1_CH2, I2C3_SMBA, USART1_TX, DCMI_D0, EVENTOUT OTG_FS_ VBUS 69 102 E9 D15 121 D5 144 D15 PA10 I/O FT TIM1_CH3, USART1_RX, OTG_FS_ID, DCMI_D1, EVENTOUT 70 103 E10 C15 122 D4 145 C15 PA11 I/O FT TIM1_CH4, USART1_CTS, CAN1_RX, LCD_R4, OTG_FS_DM, EVENTOUT 71 104 E11 B15 123 E1 146 B15 PA12 I/O FT TIM1_ETR, USART1_RTS, CAN1_TX, LCD_R5, OTG_FS_DP, EVENTOUT 72 105 E12 A15 124 D3 147 A15 PA13 (JTMS- SWDIO) I/O FT JTMS-SWDIO, EVENTOUT 73 106 D12 F13 125 D1 148 E11 VCAP_2 S 74 107 J10 F12 126 D2 149 F10 VSS S 75 108 H4 G13 127 C1 150 F11 VDD S - - D13 E12 128 - 151 E12 PH13 I/O FT TIM8_CH1N, CAN1_TX, FMC_D21, LCD_G2, EVENTOUT - - C13 E13 129 - 152 E13 PH14 I/O FT TIM8_CH2N, FMC_D22, DCMI_D4, LCD_G3, EVENTOUT - - C12 D13 130 - 153 D13 PH15 I/O FT TIM8_CH3N, FMC_D23, DCMI_D11, LCD_G4, EVENTOUT - - B13 E14 131 - 154 E14 PI0 I/O FT TIM5_CH4, SPI2_NSS/I2S2_WS(7), FMC_D24, DCMI_D13, LCD_G5, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |