전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X24C04CS8 데이터시트(PDF) 13 Page - IC MICROSYSTEMS

부품명 X24C04CS8
상세설명  Serial E2PROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ICMIC [IC MICROSYSTEMS]
홈페이지  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X24C04CS8 데이터시트(HTML) 13 Page - IC MICROSYSTEMS

Back Button X24C04CS8 Datasheet HTML 9Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 10Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 11Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 12Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 13Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 14Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 15Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 16Page - IC MICROSYSTEMS X24C04CS8 Datasheet HTML 17Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
X24C04
13
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
PIN 1
PIN 1 INDEX
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.336 (8.55)
0.345 (8.75)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
0.027 (0.683)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° – 8°
X 45°
14-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
PACKAGING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com