| 전자부품 데이터시트 검색엔진 |
|
STM32F427AIT6 데이터시트(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427AIT6 데이터시트(HTML) 54 Page - STMicroelectronics |
|
54 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 54/231 DocID024030 Rev 6 -21 NC (2) L2 27 G8 30 L2 PF9 I/O FT (5) SPI5_MOSI, SAI1_FS_B, TIM14_CH1, FMC_CD, EVENTOUT ADC3_IN7 -22 H1 L1 28 G9 31 L1 PF10 I/O FT (5) FMC_INTR, DCMI_D11, LCD_DE, EVENTOUT ADC3_IN8 12 23 G2 G1 29 J11 32 G1 PH0-OSC_IN (PH0) I/O FT EVENTOUT OSC_IN(5) 13 24 G1 H1 30 H10 33 H1 PH1- OSC_OUT (PH1) I/O FT EVENTOUT OSC_OUT (5) 14 25 H2 J1 31 H9 34 J1 NRST I/O RS T 15 26 G6 M2 32 H8 35 M2 PC0 I/O FT (5) OTG_HS_ULPI_STP, FMC_SDNWE, EVENTOUT ADC123_ IN10 16 27 H5 M3 33 K11 36 M3 PC1 I/O FT (5) ETH_MDC, EVENTOUT ADC123_ IN11 17 28 H6 M4 34 J10 37 M4 PC2 I/O FT (5) SPI2_MISO, I2S2ext_SD, OTG_HS_ULPI_DIR, ETH_MII_TXD2, FMC_SDNE0, EVENTOUT ADC123_ IN12 18 29 H7 M5 35 J9 38 L4 PC3 I/O FT (5) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, FMC_SDCKE0, EVENTOUT ADC123_ IN13 19 30 - - 36 G7 39 J5 VDD S -- - - - - - J6 VSS S 20 31 J1 M1 37 K10 40 M1 VSSA S -- J2 N1 - - - N1 VREF– S 21 32 J3 P1 38 L11 41 P1 VREF+ S Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |