| 전자부품 데이터시트 검색엔진 |
|
STM32F427IIT6 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IIT6 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 56/231 DocID024030 Rev 6 - - M1 L4 48 N11 - L5 BYPASS_ REG IFT 28 39 J11 K4 49 J8 52 K5 VDD S 29 40 N2 N4 50 M10 53 N4 PA4 I/O TTa (5) SPI1_NSS, SPI3_NSS/I2S3_WS, USART2_CK, OTG_HS_SOF, DCMI_HSYNC, LCD_VSYNC, EVENTOUT ADC12_ IN4 /DAC_ OUT1 30 41 M3 P4 51 M9 54 P4 PA5 I/O TTa (5) TIM2_CH1/TIM2_ETR, TIM8_CH1N, SPI1_SCK, OTG_HS_ULPI_CK, EVENTOUT ADC12_ IN5/DAC_ OUT2 31 42 N3 P3 52 N10 55 P3 PA6 I/O FT (5) TIM1_BKIN, TIM3_CH1, TIM8_BKIN, SPI1_MISO, TIM13_CH1, DCMI_PIXCLK, LCD_G2, EVENTOUT ADC12_ IN6 32 43 K4 R3 53 L8 56 R3 PA7 I/O FT (5) TIM1_CH1N, TIM3_CH2, TIM8_CH1N, SPI1_MOSI, TIM14_CH1, ETH_MII_RX_DV/ETH_ RMII_CRS_DV, EVENTOUT ADC12_ IN7 33 44 L4 N5 54 M8 57 N5 PC4 I/O FT (5) ETH_MII_RXD0/ETH_ RMII_RXD0, EVENTOUT ADC12_ IN14 34 45 M4 P5 55 N9 58 P5 PC5 I/O FT (5) ETH_MII_RXD1/ETH_ RMII_RXD1, EVENTOUT ADC12_ IN15 -- - - - J7 59 L7 VDD S - - - - - - 60 L6 VSS S Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |