| 전자부품 데이터시트 검색엔진 |
|
MMF1WS-R-0R 데이터시트(PDF) 2 Page - YAGEO Corporation |
|
|
|||||||||||||||||||||||||||||
MMF1WS-R-0R 데이터시트(HTML) 2 Page - YAGEO Corporation |
|
2 / 8 page ![]() www.yageo.com Feb. 08, 2023 V.0 Melf Metal Film Resistors 2 8 Product Specification MMF Through Hole Resistors APPLICATIONS All general purpose applications Power applications Energy meter FEATURES AEC-Q200 qualified MELF, SMD package Excellent pulse withstanding capability Wide resistance range RoHS compliant and halogen free ORDERING INFORMATION Part number of the MELF metal film resistor is identified by the series, power rating, tolerance, packing, temperature coefficient and resistance value. PART NUMBER MMF 25S F R E 100R (1) (2) (3) (4) (5) (6) (1) SERIES NAME MMF Series (2) POWER RATING -12 = 1/6W 25S = 1/4W 204 = 0.4W -25 = 1/4W 50S = 1/2W 207 = 0.6W -50 = 1/2W 1WS = 1W (3) TOLERANCE B = ±0.1% C = ±0.25% D = ±0.5% F = ±1% G = ±2% J = ±5% - = Based on spec. (4) PACKAGING R = Reel Pack (5) TEMPERATURE COEFFICIENT OF RESISTANCE C=±15ppm/°C D=±25ppm/°C E=±50ppm/°C F=±100ppm/°C G=±200ppm/°C - = Based on spec. (6) RESISTANCE VALUE 0.22Ω-1MΩ for E24 & E96 Series value,100Ω-100KΩ for E192 Series value Example: 1R = 1Ω, 10K = 10,000Ω, 1M = 1,000,000Ω |