| 전자부품 데이터시트 검색엔진 |
|
STM32F429NEY6 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NEY6 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 231 page ![]() DocID024030 Rev 6 55/231 STM32F427xx STM32F429xx Pinouts and pin description 83 22 33 J4 R1 39 L10 42 R1 VDDA S 23 34 J5 N3 40 K9 43 N3 PA0-WKUP (PA0) I/O FT (6) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, ETH_MII_CRS, EVENTOUT ADC123_ IN0/WKUP (5) 24 35 K1 N2 41 K8 44 N2 PA1 I/O FT (5) TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, ETH_MII_RX_CLK/ETH _RMII_REF_CLK, EVENTOUT ADC123_ IN1 25 36 K2 P2 42 L9 45 P2 PA2 I/O FT (5) TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, ETH_MDIO, EVENTOUT ADC123_ IN2 - - L2 F4 43 - 46 K4 PH2 I/O FT ETH_MII_CRS, FMC_SDCKE0, LCD_R0, EVENTOUT - - L1 G4 44 - 47 J4 PH3 I/O FT ETH_MII_COL, FMC_SDNE0, LCD_R1, EVENTOUT - - M2 H4 45 - 48 H4 PH4 I/O FT I2C2_SCL, OTG_HS_ULPI_NXT, EVENTOUT - - L3 J4 46 - 49 J3 PH5 I/O FT I2C2_SDA, SPI5_NSS, FMC_SDNWE, EVENTOUT 26 37 K3 R2 47 M11 50 R2 PA3 I/O FT (5) TIM2_CH4, TIM5_CH4, TIM9_CH2, USART2_RX, OTG_HS_ULPI_D0, ETH_MII_COL, LCD_B5, EVENTOUT ADC123_ IN3 27 38 - - - 51 K6 VSS S Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |