| 전자부품 데이터시트 검색엔진 |
|
STM32F427IGT7 데이터시트(PDF) 58 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IGT7 데이터시트(HTML) 58 Page - STMicroelectronics |
|
58 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 58/231 DocID024030 Rev 6 38 58 N7 R8 68 L5 79 R8 PE7 I/O FT TIM1_ETR, UART7_Rx, FMC_D4, EVENTOUT 39 59 J8 P8 69 M5 80 N9 PE8 I/O FT TIM1_CH1N, UART7_Tx, FMC_D5, EVENTOUT 40 60 K8 P9 70 N5 81 P9 PE9 I/O FT TIM1_CH1, FMC_D6, EVENTOUT -61 J6 M9 71 H3 82 K8 VSS S - 62 G10 N9 72 J5 83 L9 VDD S 41 63 L8 R9 73 J4 84 R9 PE10 I/O FT TIM1_CH2N, FMC_D7, EVENTOUT 42 64 M8 P10 74 K4 85 P10 PE11 I/O FT TIM1_CH2, SPI4_NSS, FMC_D8, LCD_G3, EVENTOUT 43 65 N8 R10 75 L4 86 R10 PE12 I/O FT TIM1_CH3N, SPI4_SCK, FMC_D9, LCD_B4, EVENTOUT 44 66 H9 N11 76 N4 87 R12 PE13 I/O FT TIM1_CH3, SPI4_MISO, FMC_D10, LCD_DE, EVENTOUT 45 67 J9 P11 77 M4 88 P11 PE14 I/O FT TIM1_CH4, SPI4_MOSI, FMC_D11, LCD_CLK, EVENTOUT 46 68 K9 R11 78 L3 89 R11 PE15 I/O FT TIM1_BKIN, FMC_D12, LCD_R7, EVENTOUT 47 69 L9 R12 79 M3 90 P12 PB10 I/O FT TIM2_CH3, I2C2_SCL, SPI2_SCK/I2S2_CK, USART3_TX, OTG_HS_ULPI_D3, ETH_MII_RX_ER, LCD_G4, EVENTOUT 48 70 M9 R13 80 N3 91 R13 PB11 I/O FT TIM2_CH4, I2C2_SDA, USART3_RX, OTG_HS_ULPI_D4, ETH_MII_TX_EN/ETH_ RMII_TX_EN, LCD_G5, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |