전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F429NGT7 데이터시트(PDF) 75 Page - STMicroelectronics

부품명 STM32F429NGT7
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NGT7 데이터시트(HTML) 75 Page - STMicroelectronics

Back Button STM32F429NGT7 Datasheet HTML 71Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 72Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 73Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 74Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 75Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 76Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 77Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 78Page - STMicroelectronics STM32F429NGT7 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 231 page
background image
Port B
PB11
-
TIM2_
CH4
--
I2C2_
SDA
--
USART3_
RX
--
OTG_HS_
ULPI_D4
ETH_MII_
TX_EN/
ETH_RMII
_TX_EN
-
-
LCD_G5
EVEN
TOUT
PB12
-
TIM1_
BKIN
--
I2C2_
SMBA
SPI2_
NSS/I2
S2_WS
-
USART3_
CK
-
CAN2_RX
OTG_HS_
ULPI_D5
ETH_MII_
TXD0/ETH
_RMII_
TXD0
OTG_HS_
ID
--
EVEN
TOUT
PB13
-
TIM1_
CH1N
--
-
SPI2_
SCK/I2
S2_CK
-
USART3_
CTS
-CAN2_TX
OTG_HS_
ULPI_D6
ETH_MII_
TXD1/ETH
_RMII_TX
D1
--
-
EVEN
TOUT
PB14
-
TIM1_
CH2N
-
TIM8_
CH2N
-
SPI2_
MISO
I2S2ext_
SD
USART3_
RTS
-
TIM12_CH1
-
-
OTG_HS_
DM
--
EVEN
TOUT
PB15
RTC_
REFIN
TIM1_
CH3N
-
TIM8_
CH3N
-
SPI2_
MOSI/I2
S2_SD
-
-
-
TIM12_CH2
-
-
OTG_HS_
DP
--
EVEN
TOUT
Port
C
PC0
-
-
-
-
-
-
-
-
-
-
OTG_HS_
ULPI_STP
-
FMC_SDN
WE
--
EVEN
TOUT
PC1
-
-
-
-
-
-
-
-
-
-
-
ETH_MDC
-
-
-
EVEN
TOUT
PC2
-
-
-
-
-
SPI2_
MISO
I2S2ext_
SD
--
-
OTG_HS_
ULPI_DIR
ETH_MII_
TXD2
FMC_
SDNE0
--
EVEN
TOUT
PC3
-
-
-
-
-
SPI2_
MOSI/I2
S2_SD
--
-
-
OTG_HS_
ULPI_NXT
ETH_MII_
TX_CLK
FMC_
SDCKE0
--
EVEN
TOUT
PC4
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_
RXD0/ETH
_RMII_
RXD0
--
-
EVEN
TOUT
PC5
-
-
-
-
-
-
-
-
-
-
-
ETH_MII_
RXD1/ETH
_RMII_
RXD1
--
-
EVEN
TOUT
PC6
-
-
TIM3_
CH1
TIM8_
CH1
-
I2S2_
MCK
--
USART6_
TX
-
-
-
SDIO_D6
DCMI_
D0
LCD_
HSYNC
EVEN
TOUT
PC7
-
-
TIM3_
CH2
TIM8_
CH2
--
I2S3_
MCK
-
USART6_
RX
-
-
-
SDIO_D7
DCMI_
D1
LCD_G6
EVEN
TOUT
Table 12. STM32F427xx and STM32F429xx alternate function mapping (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/5
TIM8/9/
10/11
I2C1/
2/3
SPI1/2/
3/4/5/6
SPI2/3/
SAI1
SPI3/
USART1/
2/3
USART6/
UART4/5/7
/8
CAN1/2/
TIM12/13/14
/LCD
OTG2_HS
/OTG1_
FS
ETH
FMC/SDIO
/OTG2_FS
DCMI
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More