전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F429NGH7 데이터시트(PDF) 29 Page - STMicroelectronics

부품명 STM32F429NGH7
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NGH7 데이터시트(HTML) 29 Page - STMicroelectronics

Back Button STM32F429NGH7 Datasheet HTML 25Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 26Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 27Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 28Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 29Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 30Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 31Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 32Page - STMicroelectronics STM32F429NGH7 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 231 page
background image
DocID024030 Rev 6
29/231
STM32F427xx STM32F429xx
Functional overview
42
Figure 9. Startup in regulator OFF: slow VDD slope
- power-down reset risen after VCAP_1/VCAP_2 stabilization
1. This figure is valid whatever the internal reset mode (ON or OFF).
Figure 10. Startup in regulator OFF mode: fast VDD slope
- power-down reset risen before VCAP_1/VCAP_2 stabilization
1. This figure is valid whatever the internal reset mode (ON or OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More