| 전자부품 데이터시트 검색엔진 |
|
STM32F427IGY7 데이터시트(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F427IGY7 데이터시트(HTML) 64 Page - STMicroelectronics |
|
64 / 231 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 64/231 DocID024030 Rev 6 - - C11 D14 132 - 155 D14 PI1 I/O FT SPI2_SCK/I2S2_CK(7), FMC_D25, DCMI_D8, LCD_G6, EVENTOUT - - B12 C14 133 - 156 C14 PI2 I/O FT TIM8_CH4, SPI2_MISO, I2S2ext_SD, FMC_D26, DCMI_D9, LCD_G7, EVENTOUT - - A12 C13 134 - 157 C13 PI3 I/O FT TIM8_ETR, SPI2_MOSI/I2S2_SD, FMC_D27, DCMI_D10, EVENTOUT -- D11 D9 135 F5 - F9 VSS S - - D3 C9 136 A1 158 E10 VDD S 76 109 A11 A14 137 B1 159 A14 PA14 (JTCK- SWCLK) I/O FT JTCK-SWCLK/ EVENTOUT 77 110 B11 A13 138 C2 160 A13 PA15 (JTDI) I/O FT JTDI, TIM2_CH1/TIM2_ETR, SPI1_NSS, SPI3_NSS/I2S3_WS, EVENTOUT 78 111 C10 B14 139 A2 161 B14 PC10 I/O FT SPI3_SCK/I2S3_CK, USART3_TX, UART4_TX, SDIO_D2, DCMI_D8, LCD_R2, EVENTOUT 79 112 B10 B13 140 B2 162 B13 PC11 I/O FT I2S3ext_SD, SPI3_MISO, USART3_RX, UART4_RX, SDIO_D3, DCMI_D4, EVENTOUT 80 113 A10 A12 141 C3 163 A12 PC12 I/O FT SPI3_MOSI/I2S3_SD, USART3_CK, UART5_TX, SDIO_CK, DCMI_D9, EVENTOUT 81 114 D9 B12 142 B3 164 B12 PD0 I/O FT CAN1_RX, FMC_D2, EVENTOUT Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |