전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F427IIY7 데이터시트(PDF) 56 Page - STMicroelectronics

부품명 STM32F427IIY7
상세설명  ARM Cortex-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 comm. interfaces, camera & LCD-TFT
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F427IIY7 데이터시트(HTML) 56 Page - STMicroelectronics

Back Button STM32F427IIY7 Datasheet HTML 52Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 53Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 54Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 55Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 56Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 57Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 58Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 59Page - STMicroelectronics STM32F427IIY7 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 231 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
56/231
DocID024030 Rev 6
-
-
M1
L4
48
N11
-
L5
BYPASS_
REG
IFT
28
39
J11
K4
49
J8
52
K5
VDD
S
29
40
N2
N4
50 M10 53
N4
PA4
I/O TTa (5)
SPI1_NSS,
SPI3_NSS/I2S3_WS,
USART2_CK,
OTG_HS_SOF,
DCMI_HSYNC,
LCD_VSYNC,
EVENTOUT
ADC12_
IN4 /DAC_
OUT1
30
41
M3
P4
51
M9
54
P4
PA5
I/O TTa (5)
TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK,
OTG_HS_ULPI_CK,
EVENTOUT
ADC12_
IN5/DAC_
OUT2
31
42
N3
P3
52 N10 55
P3
PA6
I/O FT (5)
TIM1_BKIN,
TIM3_CH1,
TIM8_BKIN,
SPI1_MISO,
TIM13_CH1,
DCMI_PIXCLK,
LCD_G2, EVENTOUT
ADC12_
IN6
32
43
K4
R3
53
L8
56
R3
PA7
I/O FT (5)
TIM1_CH1N,
TIM3_CH2,
TIM8_CH1N,
SPI1_MOSI,
TIM14_CH1,
ETH_MII_RX_DV/ETH_
RMII_CRS_DV,
EVENTOUT
ADC12_
IN7
33
44
L4
N5
54
M8
57
N5
PC4
I/O FT (5)
ETH_MII_RXD0/ETH_
RMII_RXD0,
EVENTOUT
ADC12_
IN14
34
45
M4
P5
55
N9
58
P5
PC5
I/O FT (5)
ETH_MII_RXD1/ETH_
RMII_RXD1,
EVENTOUT
ADC12_
IN15
--
-
-
-
J7
59
L7
VDD
S
-
-
-
-
-
-
60
L6
VSS
S
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More