전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QMSD2SH 데이터시트(PDF) 1 Page - Qualwave Inc. All rights reserved.

부품명 QMSD2SH
상세설명  Coaxial Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  QUALWAVE [Qualwave Inc. All rights reserved.]
홈페이지  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QMSD2SH 데이터시트(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QMSD2SH Datasheet HTML 1Page - Qualwave Inc. All rights reserved. QMSD2SH Datasheet HTML 2Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Coaxial Switches
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.3
1
QMSD2SH
DC~26.5GHz, DPDT
Features:
Applications:
* Low VSWR
* Wireless
* Low Insertion Loss
* Transmitter
* High Isolation
* Laboratory Test
* Radar
Electrical
Frequency:
DC~26.5GHz
Impedance:
50Ω
Model
Frequency
range (GHz)
Insertion
Loss (dB)
Isolation
(dB)
VSWR
QMSD2SH-18
DC-6
0.25
75
1.10
6-18
0.40
70
1.20
QMSD2SH-26.5
DC-18
0.40
70
1.30
18-26.5
0.50
65
1.50
Voltage*1 (V)
+12
+24
+28
Current (mA)
Failsafe
350
200
180
Latching
400
200
185
[1] The voltage can be selected according to user requirements.
Mechanical
Size*2:
32*32*62mm
1.26*1.26*2.441in
Switching Sequence:
Break before Make
Switching Time:
15mS max.
Operation Life:
2M Cycles
Vibration (operating):
20-2000Hz, 10G RMS
Mechanical Shock
(non-operating):
30G, 1/2sine, 11mS
RF Connectors:
SMA Female
Power Supply & Control
Interface Connectors:
D-Sub 15
Mounting:
4-Φ4mm through-hole
[2] Exclude connectors.
Environmental
Temperature:
-25~+65
℃
Extended Temperature:
-45~+85
℃
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]
Additional Options
TTL: T
Indicators: I
Extended Temperature: Z
Positive Common
Waterproof Sealing Type
How To Order
QMSD2SH-F-WXYZ
F: Frequency in GHz
W: Actuator Type. Failsafe: 0, Latching: 1.
X: Voltage. +12V: E, +24V: K, +28V: M.
Y: Power Interface. Pin: 0, D-Sub: 1.
Z: Additional Options.
Examples:
To order a DPDT switch,High performance, DC-18GHz, Failsafe,
+12V, D-Sub, TTL, Indicators, specify QMSD2SH-18-0E1TI.
Customization is available upon request.


유사한 부품 번호 - QMSD2SH

제조업체부품명데이터시트상세설명
logo
Qualwave Inc. All right...
QMSD2S QUALWAVE-QMSD2S Datasheet
282Kb / 2P
Coaxial Switches
Rev 1.7
More results

유사한 설명 - QMSD2SH

제조업체부품명데이터시트상세설명
logo
Hirose Electric
HCS2-150-F HIROSE-HCS2-150-F Datasheet
50Kb / 3P
RF Coaxial Switches (DC to 15 GHz)
MS-136 HIROSE-MS-136 Datasheet
110Kb / 3P
Coaxial Switches
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
Interface Coaxial Switches
logo
Filtronic Compound Semi...
STM2180A FILTRONIC-STM2180A Datasheet
339Kb / 2P
SWITCHES SPDT TO MPDT, MANUAL, COAXIAL
logo
Japan Aviation Electron...
SMB JAE-SMB Datasheet
370Kb / 9P
COAXIAL CONNECTORS
logo
Tyco Electronics
024015-000 MACOM-024015-000 Datasheet
119Kb / 1P
COAXIAL PINPAK
logo
Pasternack Enterprises,...
PE7102 PASTERNACK-PE7102 Datasheet
113Kb / 1P
A/B COAXIAL SWITCHES,N FEMALE 50 OHMS
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Feature Integration Tec...
PE34586LF FINTEK-PE34586LF Datasheet
299Kb / 1P
COAXIAL
logo
List of Unclassifed Man...
R591 ETC-R591 Datasheet
1Mb / 8P
COAXIAL SUBMINIATURE MULTIPORT SWITCHES
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com