| 전자부품 데이터시트 검색엔진 |
|
ADS5281IPFPR 데이터시트(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS5281IPFPR 데이터시트(HTML) 1 Page - Texas Instruments |
|
1 / 41 page ![]() 1 FEATURES DESCRIPTION APPLICATIONS 12-Bit ADC PLL Serializer 1xADCLK 6xADCLK IN1 P IN1 N OUT1 P OUT1 N LCLK P LCLK N ADCLK P ADCLK N 12xADCLK 12-Bit ADC Serializer Digital Digital Reference IN8 P IN8 N OUT8 P OUT8 N Registers ADC Control Clock Buffer Power- Down Channels 2to7 ADS5281 ADS5282 SBAS397E – DECEMBER 2006 – REVISED JANUARY 2008 www.ti.com 12-Bit Octal-Channel ADC Family Up to 65MSPS 234 • Speed and Resolution Grades: The ADS528x is a family of high-performance, low-power, octal channel analog-to-digital converters – ADS5281: 12-bit, 50MSPS (ADCs). Available in either a 9mm × 9mm QFN – ADS5282: 12-bit, 65MSPS package or an HTQFP-80 package, with serialized • Power Dissipation: low-voltage differential signaling (LVDS) outputs and – 48mW/Channel at 30MSPS a wide variety of programmable features, the ADS528x is highly customizable for a diversity of – 55mW/Channel at 40MSPS applications and offers an unprecedented level of – 64mW/Channel at 50MSPS system integration. An application note, XAPP774 – 77mW/Channel at 65MSPS (available at www.xilinx.com) describes how to interface the serial LVDS outputs of TI's ADCs to • 70dBFS SNR at 10MHz IF Xilinx® field-programmable gate arrays (FPGAs). The • Analog Input Full-Scale Range: 2V PP ADS528x family is specified over the industrial • Low-Frequency Noise Suppression Mode temperature range of –40 °C to +85°C. • 6dB Overload Recovery In One Clock • External and Internal (Trimmed) Reference • 3.3V Analog Supply, 1.8V Digital Supply • Single-Ended or Differential Clock: – Clock Duty Cycle Correction Circuit (DCC) • Programmable Digital Gain: 0dB to 12dB • Serialized DDR LVDS Output • Programmable LVDS Current Drive, Internal Termination • Test Patterns for Enabling Output Capture • Straight Offset Binary or Two's Complement Output • Package Options: – 9mm × 9mm QFN-64 – HTQFP-80 PowerPAD™ Compatible with ADS527x Family • Medical Imaging • Wireless Base-Station Infrastructure • Test and Measurement Instrumentation 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerPAD is a trademark of Texas Instruments, Inc. 3 Xilinx is a registered trademark of Xilinx, Inc. 4 All other trademarks are the property of their respective owners. UNLESS OTHERWISE NOTED this document contains Copyright © 2006–2008, Texas Instruments Incorporated PRODUCTION DATA information current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - ADS5281IPFPR |
|
유사한 설명 - ADS5281IPFPR |