전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F753-I/ML 데이터시트(PDF) 67 Page - Microchip Technology

부품명 PIC16F753-I/ML
상세설명  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753-I/ML 데이터시트(HTML) 67 Page - Microchip Technology

Back Button PIC16F753-I/ML Datasheet HTML 63Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 64Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 65Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 66Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 67Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 68Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 69Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 70Page - Microchip Technology PIC16F753-I/ML Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 67
PIC16F753/HV753
TABLE 7-5:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
44
APFCON
—
—
—T1GSEL
—
—
—
—
40
CCP1CON
—
—
DC1B<1:0>
CCP1M<3:0>
80
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
17
PIE1
TMR1GIE
ADIE
—
—
HLTMR2IE
HLTMR1IE
TMR2IE
TMR1IE
18
PIR1
TMR1GIF
ADIF
—
—
HLTMR2IF
HLTMR1IF
TMR2IF
TMR1IF
20
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
43
TMR1H
TMR1H<7:0>
57*
TMR1L
TMR1L<7:0>
57*
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
43
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—
TMR1ON
65
T1GCON
TMR1GE
T1GPOL
T1GTM
T1GSPM
T1GGO/
DONE
T1GVAL
T1GSS<1:0>
66
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More