| 전자부품 데이터시트 검색엔진 |
|
PIC16LF1503-I/SL. 데이터시트(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16LF1503-I/SL. 데이터시트(HTML) 47 Page - Microchip Technology |
|
47 / 352 page ![]() 2011-2015 Microchip Technology Inc. DS40001607D-page 47 PIC16(L)F1503 FIGURE 5-3: INTERNAL OSCILLATOR SWITCH TIMING HFINTOSC LFINTOSC IRCF <3:0> System Clock HFINTOSC LFINTOSC IRCF <3:0> System Clock 0 0 0 0 2-cycle Sync Running 2-cycle Sync Running HFINTOSC LFINTOSC (WDT disabled) HFINTOSC LFINTOSC (WDT enabled) LFINTOSC HFINTOSC IRCF <3:0> System Clock = 0 0 2-cycle Sync Running LFINTOSC HFINTOSC LFINTOSC turns off unless WDT is enabled(2) Note 1: See Table 5-2, “Oscillator Switching Delays” for more information. 2: LFINTOSC will continue to run if a peripheral has selected it as the clock source. See Section 5.2.2.4 “Peripheral Clock Sources” . Oscillator Delay(1) Oscillator Delay(1) |