| 전자부품 데이터시트 검색엔진 |
|
PX0911/02/P 데이터시트(PDF) 2 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PX0911/02/P 데이터시트(HTML) 2 Page - Bulgin Limited. All rights reserved. |
|
2 / 6 page ![]() 15 Buccaneer for Power BUCCANEER FOR POWER 900 Series Buccaneer Standard Cable Large Cable Description Standard Cable Large Cable Description Flex Cable Connector Flex Cable Connector PX0911 PXA911 In-Line Flex Cable Connector In-Line Flex Cable Connector PX0921 PXA921 Standard Cable Large Cable Description Standard Cable Large Cable Description Mates with in-line flex or panel mounting versions Positive, fast acting locking ring - can be turned with a gloved hand Plug or socket versions PX0 Series13-15mm cable dia. as standard, 7-13mm with additional gland pack PXA Series 20-22mm cable dia. as standard, 14-20mm with additional gland pack Strain Relief Clamp Mates with either PX0911 or PXA911 connectors Plug or socket versions PX0 Series 13-15mm cable dia. as standard, 7-13mm with additional gland pack PXA Series 20-22mm cable dia. as standard, 14-20mm with additional gland pack Strain Relief Clamp PX0911/02/P PX0911/03/P PX0911/04/P PX0911/05/P PX0911/07/P PX0911/10/P PXA911/02/P PXA911/03/P PXA911/04/P PXA911/05/P PXA911/07/P PXA911/10/P 2 pole Plug 3 pole Plug 4 pole Plug 5 pole Plug 7 pole Plug 10 pole Plug PX0911/02/S PX0911/03/S PX0911/04/S PX0911/05/S PX0911/07/S PX0911/10/S PXA911/02/S PXA911/03/S PXA911/04/S PXA911/05/S PXA911/07/S PXA911/10/S 2 pole Socket 3 pole Socket 4 pole Socket 5 pole Socket 7 pole Socket 10 pole Socket PX0921/02/P PX0921/03/P PX0921/04/P PX0921/05/P PX0921/07/P PX0921/10/P PXA921/02/P PXA921/03/P PXA921/04/P PXA921/05/P PXA921/07/P PXA921/10/P 2 pole Plug 3 pole Plug 4 pole Plug 5 pole Plug 7 pole Plug 10 pole Plug PX0921/02/S PX0921/03/S PX0921/04/S PX0921/05/S PX0921/07/S PX0921/10/S PXA921/02/S PXA921/03/S PXA921/04/S PXA921/05/S PXA921/07/S PXA921/10/S 2 pole Socket 3 pole Socket 4 pole Socket 5 pole Socket 7 pole Socket 10 pole Socket |