| 전자부품 데이터시트 검색엔진 |
|
TLK2501IRCPR 데이터시트(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLK2501IRCPR 데이터시트(HTML) 16 Page - Texas Instruments |
|
16 / 33 page ![]() TLK2501 1.5 TO 2.5 GBPS TRANSCEIVER SLLS427D − AUGUST 2000 − REVISED JULY 2003 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TTL output switching characteristics over recommended operating conditions (unless otherwise noted) PARAMETER TEST CONDITIONS MIN NOM MAX UNIT VOH High-level output voltage IOH = −1 mA, VDD = MIN 2.10 2.3 V VOL Low-level output voltage IOL = 1 mA, VDD = MIN GND 0.25 0.5 V tr(slew) Slew rate (rising), magnitude of RX_CLK, RX_ER, RX_DV/LOS, RXD 0.8 V to 2 V, C = 5 pF, See Figure 11 0.5 V/ns tf(slew) Slew rate (falling), magnitude of RX_CLK, RX_ER, RX_DV/LOS, RXD 0.8 V to 2 V, C = 5 pF, See Figure 11 0.5 V/ns RXD, RX_DV/LOS, RX_ER 50% voltage swing, GTX_CLK = 125 MHz 3 tsu RXD, RX_DV/LOS, RX_ER setup to ↑ RX_CLK 50% voltage swing, See Figure 11 GTX_CLK = 100 MHz 4 ns tsu setup to ↑ RX_CLK See Figure 11 GTX_CLK = 75 MHz 5.4 ns RXD, RX_DV/LOS, RX_ER 50% voltage swing, GTX_CLK = 125 MHz 3 th RXD, RX_DV/LOS, RX_ER hold to ↑ RX_CLK 50% voltage swing, See Figure 11 GTX_CLK = 100 MHz 4 ns th hold to ↑ RX_CLK See Figure 11 GTX_CLK = 75 MHz 5.4 ns RXD(0−15) 2.0 V 0.8 V 2.0 V 0.8 V RX_CLK RX_DV, RX_ER, tsu th tf(slew) tr(slew) 0 V 2.7 V 0 V tr(slew) tf(slew) 2.7 V Figure 11. TTL Data Output Valid Levels for AC Measurements |