| 전자부품 데이터시트 검색엔진 |
|
TLV1544CPWR 데이터시트(PDF) 32 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV1544CPWR 데이터시트(HTML) 32 Page - Texas Instruments |
|
32 / 38 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) 5962-9853801Q2A Active Production LCCC (FK) | 20 55 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962- 9853801Q2A TLV1548 MFKB 5962-9853801QRA Active Production CDIP (J) | 20 20 | TUBE No SNPB N/A for Pkg Type -55 to 125 5962-9853801QR A TLV1548MJB TLV1544CD Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TLV1544C TLV1544CD.A Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TLV1544C TLV1544CDR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - TLV1544C TLV1544CDR.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TLV1544C TLV1544CPW Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM - TV1544 TLV1544CPW.A Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TV1544 TLV1544CPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - TV1544 TLV1544CPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TV1544 TLV1544ID Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU Level-1-260C-UNLIM - TLV1544I TLV1544ID.A Active Production SOIC (D) | 16 40 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TLV1544I TLV1544IDR Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - TLV1544I TLV1544IDR.A Active Production SOIC (D) | 16 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TLV1544I TLV1544IPW Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM - TY1544 TLV1544IPW.A Active Production TSSOP (PW) | 16 90 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TY1544 TLV1544IPWR Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - TY1544 TLV1544IPWR.A Active Production TSSOP (PW) | 16 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TY1544 TLV1548CDB Active Production SSOP (DB) | 20 70 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TV1548 TLV1548CDB.A Active Production SSOP (DB) | 20 70 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TV1548 TLV1548CDBR Active Production SSOP (DB) | 20 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - TV1548 TLV1548CDBR.A Active Production SSOP (DB) | 20 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TV1548 TLV1548IDB Active Production SSOP (DB) | 20 70 | TUBE Yes NIPDAU Level-1-260C-UNLIM - TY1548 TLV1548IDB.A Active Production SSOP (DB) | 20 70 | TUBE Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TY1548 TLV1548IDBR Active Production SSOP (DB) | 20 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM - TY1548 Addendum-Page 1 |