전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLAS363 데이터시트(PDF) 26 Page - Texas Instruments

부품명 SLAS363
상세설명  SMARTDM™ Low-Power, Low-Voltage, 1.1-V to 3.6-V 1/0, 16-Bit, 26-KSPS Codec
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

SLAS363 데이터시트(HTML) 26 Page - Texas Instruments

Back Button SLAS363 Datasheet HTML 22Page - Texas Instruments SLAS363 Datasheet HTML 23Page - Texas Instruments SLAS363 Datasheet HTML 24Page - Texas Instruments SLAS363 Datasheet HTML 25Page - Texas Instruments SLAS363 Datasheet HTML 26Page - Texas Instruments SLAS363 Datasheet HTML 27Page - Texas Instruments SLAS363 Datasheet HTML 28Page - Texas Instruments SLAS363 Datasheet HTML 29Page - Texas Instruments SLAS363 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
3–14
...
...
...
15 14
1
0
14
15
1 0
14
15
1 0
One SCLK
Data Frame Control Frame
Hi-Z
FS
Turbo SCLK
FS
DIN / DOUT
DIN / DOUT
Sampling Period
Data Frame Control Frame
Data Frame
Control Frame
Data Frame
Hi-Z
Stand-Alone Case:
Cascade Case (Master + 4 Slaves):
...
...
15 14
10
14
15
1 0
One SCLK
Data Frame
Hi-Z
FS
DIN / DOUT
Data Frame
Stand-Alone Case:
Cascade Case (Master + 4 Slaves):
Turbo SCLK
FS
DIN / DOUT
Sampling Period
Data Frame
Hi-Z
Data Frame
TURBO PROGRAMMING MODE
TURBO CONTINUOUS DATA TRANSFER MODE
Sampling Period
Sampling Period
Control Frame
Hi-Z
...
14
15
1 0
Hi-Z
Turbo SCLK
Turbo SCLK
••••••••••••••••••••••••••••••••••••••••••••••••••••••••••••••••••••••
••••••••••••••••••••••••••••••••••••••••••••••••••••••••••
•••••••••••••••••••••••••••••••••••••••••••••••••••••
•••••••••••••••••••••••••••••••••••••••••••••••••
NOTE: SCLK is not drawn to scale.
Figure 3–17. Timing Diagram for Turbo Operation
3.9
Control Register Programming
The TLV320AIC15 contains six control registers that are used to program available modes of operation. All register
programming occurs during the control frame through DIN. New configuration takes effect after a delay of one frame
sync FS except the software reset, which happens after 6 MCLKs from the falling edge of the next frame sync FS.
The TLV320AIC15 is defaulted to the programming mode upon power up. Set bit 6 in control register 1 to switch to
continuous data transfer mode. If the 15+1 data format of DIN has been selected, the LSB of the DIN to 1 to switch
from continuous data transfer mode to programming set mode. Otherwise, either the device needs to be reset or the
host port writes 0 to bit D6 of control register 1 during the continuous data transfer mode to switch back to the
programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com