| 전자부품 데이터시트 검색엔진 |
|
KCT100X. 데이터시트(PDF) 1 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
KCT100X. 데이터시트(HTML) 1 Page - PANDUIT CORP. |
|
|
1 / 1 page ![]() © Panduit Corp. 2016 Page: 1 of 1 E-mail: techsupport@panduit.com Technical Support: 1-800-777-3300 REPLACEMENT SPRING KIT FOR CT-1002, CT-1003 and CT-1004 INSTALLATION INSTRUCTIONS Replacing Handle Return Springs 1. Remove Handle Grips (6). 2. Remove Retaining Ring (1) from Pivot Pin (4). 3. Push pivot pin out of Handles (9). 4. Remove both Handle Return Springs (2, 3) 5. Thread small spring (2) through larger spring (3) to interlock both springs. (The small spring coil will be inside large spring coil, with legs below and parallel to large spring legs.) 6. Slide springs into position under pivot hole. 7. Align holes in handles with the loop in springs. (It may be helpful to use a pin or screwdriver to align spring loops and holes from opposite side.) Push pivot pin through handles and springs. 8. Snap retaining ring in back of pivot pin. 9. Push on handle grips. PARTS LIST ITEM # QTY. DESCRIPTION 1 1 Retaining Ring 2 1 Small Handle Return Spring 3 1 Large Handle Return Spring 4 1 Pivot Pin 5 1 Pawl Spring REFERENCE PARTS 6 0 Handle Grips 7 0 Pawl 8 0 Post 9 0 Handle CT-1002, CT-1003 and CT-1004 6 1 9 4 3 2 5 7 8 1. Remove Handle Grip (6) covering Pawl (7). 2. Open handles and remove broken or stretched Pawl Spring (5). 3. With pick, install Pawl Spring Loop (9) on Pawl (8). 4. With a small pick, stretch the other end of the spring over Post (8). Use the small screwdriver to push the loop off the pick and onto the pin. Caution: Do Not stretch open the spring loop beyond the Post (8) or the loop will pull out of the pawl at the end of the tool cycle. 5. Replace handle grip. Pawl Spring Replacement Tools:SmallPick Small screwdriver PA24965A01 Rev: 02 11-2016 KCT100X www.panduit.com |
유사한 부품 번호 - KCT100X. |
|
유사한 설명 - KCT100X. |