전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IP1001-DS-R06 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 IP1001-DS-R06
상세설명  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R06 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R06 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1001-DS-R06 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
IP1001 LF
Data Sheet
9/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Pin no.
Label
Type
Description
MAC Interface
GMII
RGMII
MII
39
RX_CLK RXC
RX_CLK O
GMII/ RGMII Receive Clock.
I/F
MDI
speed
Description
Gigabit 125Mhz output.
IP1001 sends out RXD[7:0],
RXDV and RX_ER at the
rising edge of RX_CLK.
100Mbps 25Mhz output.
IP1001 sends out RXD[3:0],
RXDV and RX_ER at the
rising edge of RX_CLK.
GMII
Mode
10Mbps 2.5Mhz output.
IP1001 sends out RXD[3:0],
RXDV and RX_ER at the
rising edge of RX_CLK.
Gigabit 125Mhz output.
IP1001 sends out RXD[3:0]
and RX_CTL at both the
rising edge and falling edge
of RXC.
100Mbps 25Mhz output.
IP1001 sends out RXD[3:0]
and RX_CTL at both the
rising edge and falling edge
of RXC.
RGMII
Mode
10Mbps 2.5Mhz output.
IP1001 sends out RXD[3:0]
and RX_CTL at both the
rising edge and falling edge
of RXC.
40
RX_DV
RX_CTL RX_DV
O
GMII and MII Receive Enable/ RGMII Receive
Control
I/F
MDI
speed
Description
GMII
Mode
Gigabit
100Mbps
10Mbps
RX_DV indicates the valid
data is present on the data
bus of RXD. Synchronous to
the rising edge of RX_CLK.
Gigabit
100Mbps
RGMII
Mode
10Mbps
RX_CTL indicates a signal
like RX_DV at the rising edge
of TXC. A signal like RX_ER
is derived by the logical
operation of latched RX_DV
and the value at the falling
edge of RX_CLK
51,50,49,48 RXD[7:4] --
--
O
GMII Receive Data (high nibble)
Please see the pin description of pin 39.
RXD[7:4] share the same pins with
PHY_ADDR[3:4], TXPHASE_SEL, and
RXPHASE_SEL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48