전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

12-2FPLP 데이터시트(PDF) 1 Page - Structured Cable Products Inc.

부품명 12-2FPLP
상세설명  12 awg 1 pair Power Limited Fire Alarm Cable, Plenum
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STRUCTURED-CABLE [Structured Cable Products Inc.]
홈페이지  https://scpcat5e.com/
Logo STRUCTURED-CABLE - Structured Cable Products Inc.

12-2FPLP 데이터시트(HTML) 1 Page - Structured Cable Products Inc.

  12-2FPLP Datasheet HTML 1Page - Structured Cable Products Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification Sheet for
12 awg 1 pair Power Limited Fire
Alarm Cable, Plenum.
:
Modified:
Rev Date:
02/2014
SCP
Part No.
12-2FPLP
UL Type:
CL2P/FPLP
Construction Details:
This cable is constructed with one pair composed of 12 awg solid bare copper conductors insulated with a low smoke
copolymer. The pair is cabled together and a jacket of red colored low smoke copolymer completes the package.
Physical Specifications
Conductors:
Dielectric:
Cabling:
Jacket:
Print:
Put Up:
Color Code
2 – 12 awg solid bare copper .081”
10 mil wall of low smoke copolymer colored per the chart
to a nominal diameter of .101”.
Cable together two insulated conductors, per the color code,
in a 3 1/2” left hand lay to a nominal diameter of .202”.
18 mil wall of red colored low smoke copolymer to a
nominal diameter of .238”.
Inkjet printing:
12 AWG 2C PLENUM FIRE ALARM CABLE (UL)
TYPE FPLP OR CL2P E198137
Reels or boxes per customer requirements.
Pair
Number
Insulation
Color
One
1-Black
1-Red
www.scpcat5e.com
DESCRIPTION: 2C/12 AWG SOLID FPLP PLENUM- RED- 1000 FT SPOOL


유사한 부품 번호 - 12-2FPLP

제조업체부품명데이터시트상세설명
logo
Structured Cable Produc...
12-2FPLR STRUCTURED-CABLE-12-2FPLR Datasheet
607Kb / 1P
2C/12 AWG SOLID FPLR PVC- 1000 FT SPOOL
02/22
More results

유사한 설명 - 12-2FPLP

제조업체부품명데이터시트상세설명
logo
General Cable Technolog...
C0471 GENERAL-C0471 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0472 GENERAL-C0472 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0475 GENERAL-C0475 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0476 GENERAL-C0476 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0485 GENERAL-C0485 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0486 GENERAL-C0486 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0491 GENERAL-C0491 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0492 GENERAL-C0492 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0495 GENERAL-C0495 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
C0496 GENERAL-C0496 Datasheet
73Kb / 1P
Fire Alarm/Life Safety Cable
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com