전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS2829DBVR.A 데이터시트(PDF) 16 Page - Texas Instruments

부품명 TPS2829DBVR.A
상세설명  SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS2829DBVR.A 데이터시트(HTML) 16 Page - Texas Instruments

Back Button TPS2829DBVR.A Datasheet HTML 12Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 13Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 14Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 15Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 16Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 17Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 18Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 19Page - Texas Instruments TPS2829DBVR.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
TPS2816, TPS2817, TPS2818, TPS2819, TPS2828, TPS2829,
SINGLECHANNEL HIGHSPEED MOSFET DRIVER
SLVS160C – FEBRUARY 1997 – REVISED OCTOBER 2002
16
www.ti.com
APPLICATION INFORMATION
Regulator
1
2
3
5
4
U1
TPS2817DBV
C8
C7
CR1
C9
C10
L1
+
C12
+
C13
R4
C11
R7
R6
+
C6
5
1
OUT
SCP
8
7
4
R3
3
6
2
C3
C2
R2
C4
C9
+
Q1
TPS1110D
DTC
COMP
FB
RT
VCC
GND
U2
TL5001CD
4.5 V to 7 V
GND
VO
3 A Continuous
5 A Peak
GND
R1
R5
C5
Figure 23. Step-Down Application
NOTE: If the parasitics of the external circuit cause the voltage to violate the Absolute Maximum
Rating for the Output pins, Schottky diodes should be added from ground to output and from output
to Vcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com