| 전자부품 데이터시트 검색엔진 |
|
ADC12C080CISQE/NOPB 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC12C080CISQE/NOPB 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 33 page ![]() ADC Input 10 pF VCMO VIN ETC1-1-13 0.1 PF 25: 25: ETC1-1-13 0.1 PF 0.1 PF ADC Input 18 pF VCMO 0.1 PF 0.1 PF VIN ADT1-1WT 50: 0.1 PF 20: 20: ADC12C080 www.ti.com SNAS379C – SEPTEMBER 2006 – REVISED APRIL 2013 EFS = 4096 ( 1 - sin (90° + dev)) (5) Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship to each other (see Figure 30). For single frequency inputs, angular errors result in a reduction of the effective full scale input. For complex waveforms, however, angular errors will result in distortion. Figure 31. Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause Distortion It is recommended to drive the analog inputs with a source impedance less than 100 Ω. Matching the source impedance for the differential inputs will improve even ordered harmonic performance (particularly second harmonic). Table 1 indicates the input to output relationship of the ADC12C080. Table 1. Input to Output Relationship VIN+ VIN− Binary Output 2’s Complement Output VCM − VREF/2 VCM + VREF/2 0000 0000 0000 1000 0000 0000 Negative Full-Scale VCM − VREF/4 VCM + VREF/4 0100 0000 0000 1100 0000 0000 VCM VCM 1000 0000 0000 0000 0000 0000 Mid-Scale VCM + VREF/4 VCM − VREF/4 1100 0000 0000 0100 0000 0000 VCM + VREF/2 VCM − VREF/2 1111 1111 1111 0111 1111 1111 Positive Full-Scale Driving the Analog Inputs The VIN+ and the VIN− inputs of the ADC12C080 have an internal sample-and-hold circuit which consists of an analog switch followed by a switched-capacitor amplifier. Figure 32 and Figure 33 show examples of single-ended to differential conversion circuits. The circuit in Figure 32 works well for input frequencies up to approximately 70MHz, while the circuit in Figure 33 works well above 70MHz. Figure 32. Low Input Frequency Transformer Drive Circuit Figure 33. High Input Frequency Transformer Drive Circuit Copyright © 2006–2013, Texas Instruments Incorporated Submit Documentation Feedback 21 Product Folder Links: ADC12C080 |