전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS7016003 데이터시트(PDF) 16 Page - Norgren Ltd

부품명 CS7016003
상세설명  Tubing & Hose Metric
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NORGREN [Norgren Ltd]
홈페이지  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

CS7016003 데이터시트(HTML) 16 Page - Norgren Ltd

Back Button CS7016003 Datasheet HTML 12Page - Norgren Ltd CS7016003 Datasheet HTML 13Page - Norgren Ltd CS7016003 Datasheet HTML 14Page - Norgren Ltd CS7016003 Datasheet HTML 15Page - Norgren Ltd CS7016003 Datasheet HTML 16Page - Norgren Ltd CS7016003 Datasheet HTML 17Page - Norgren Ltd CS7016003 Datasheet HTML 18Page - Norgren Ltd CS7016003 Datasheet HTML 19Page - Norgren Ltd CS7016003 Datasheet HTML 20Page - Norgren Ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
11/97
N/AL 9.12.002.03
Inch Tubing and Hose
Our policy is one of continuous research and development. We therefore reserve the right
to amend, without notice, the specifications given in this document.
‘O’ Clip
To Order
B
Flexible hose assemblies
Polyester reinforced
Product
A O/D
B
Max
Min
Number*
tail-
working
bend
piece
pressure radius
41 0307 00 000
3⁄16"
1"
10
0,98"
41 0308 00 000
1⁄4"11⁄8"
10
1,24"
41 0309 00 000
5⁄16"11⁄4"
10
1,49"
41 0310 00 000
3⁄8"13⁄8"
10
1,91"
41 0311 00 000
1⁄2"11⁄2"
9
1,99"
41 0313 00 000
3⁄4"13⁄4"
7
2,76"
Operating temperature: –20°C to +70°C.
For use at temperatures above +20°C consult our Technical Service.
*State the length of hose required when ordering.
Maximum length 100 ft.
B
B
C
E
Product
A
B
C
E
Min
Max
Number
O/D
bend working
tube
radius pressure
41 0633 00 000 3⁄16
1"
*
0,45" 13⁄4"69
41 0633 00 100 3⁄16
1"
10" 0,45" 13⁄4"69
41 0633 00 120 3⁄16
1"
12" 0,45" 13⁄4"69
41 0633 00 140 3⁄16
1"
14" 0,45" 13⁄4"69
41 0633 00 160 3⁄16
1"
16" 0,45" 13⁄4"69
41 0633 00 180 3⁄16
1"
18" 0,45" 13⁄4"69
41 0633 00 200 3⁄16
1"
20" 0,45" 13⁄4"69
41 0633 00 240 3⁄16
1"
24" 0,45" 13⁄4"69
41 0633 00 300 3⁄16
1"
30" 0,45" 13⁄4"69
41 0633 00 360 3⁄16
1"
36" 0,45" 13⁄4"69
41 0634 00 000 1⁄4
11⁄8" *
0,53" 2"
69
41 0634 00 100 1⁄4
11⁄8" 10" 0,53" 2"
69
41 0634 00 120 1⁄4
11⁄8" 12" 0,53" 2"
69
41 0634 00 140 1⁄4
11⁄8" 14" 0,53" 2"
69
41 0634 00 160 1⁄4
11⁄8" 16" 0,53" 2"
69
41 0634 00 180 1⁄4
11⁄8" 18" 0,53" 2"
69
41 0634 00 200 1⁄4
11⁄8" 20" 0,53" 2"
69
41 0634 00 240 1⁄4
11⁄8" 24" 0,53" 2"
69
41 0634 00 300 1⁄4
11⁄8" 30" 0,53" 2"
69
41 0634 00 360 1⁄4
11⁄8" 36" 0,53" 2"
69
41 0635 00 000 5⁄16
11⁄4" *
0,60" 2"
69
41 0635 00 100 5⁄16
11⁄4" 10" 0,60" 2"
69
41 0635 00 120 5⁄16
11⁄4" 12" 0,60" 2"
69
41 0635 00 140 5⁄16
11⁄4" 14" 0,60" 2"
69
41 0635 00 160 5⁄16
11⁄4" 16" 0,60" 2"
69
Metal Braided Rubber Hose - Inch
Flexible hose assemblies
Product
A
B
C
E
Min
Max
Number
O/D
bend working
tube
radius pressure
41 0635 00 180 5⁄16
11⁄4"
18" 0,60" 2"
69
41 0635 00 200 5⁄16
11⁄4"
20" 0,60" 2"
69
41 0635 00 240 5⁄16
11⁄4"
24" 0,60" 2"
69
41 0635 00 300 5⁄16
11⁄4"
30" 0,60" 2"
69
41 0635 00 360 5⁄16
11⁄4"
36" 0,60" 2"
69
41 0636 00 000 3⁄8
13⁄8"
*
0,71" 21⁄2"69
41 0636 00 100 3⁄8
13⁄8"
10" 0,71" 21⁄2"69
41 0636 00 120 3⁄8
13⁄8"
12" 0,71" 21⁄2"69
41 0636 00 140 3⁄8
13⁄8"
14" 0,71" 21⁄2"69
41 0636 00 160 3⁄8
13⁄8"
16" 0,71" 21⁄2"69
41 0636 00 180 3⁄8
13⁄8"
18" 0,71" 21⁄2"69
41 0636 00 200 3⁄8
13⁄8"
20" 0,71" 21⁄2"69
41 0636 00 240 3⁄8
13⁄8"
24" 0,71" 21⁄2"69
41 0636 00 300 3⁄8
13⁄8"
30" 0,71" 21⁄2"69
41 0636 00 360 3⁄8
13⁄8"
36" 0,71" 21⁄2"69
41 0638 00 000 1⁄2
11⁄2"
*
0,92" 3"
47
41 0638 00 100 1⁄2
11⁄2"
10" 0,92" 3"
47
41 0638 00 120 1⁄2
11⁄2"
12" 0,92" 3"
47
41 0638 00 140 1⁄2
11⁄2"
14" 0,92" 3"
47
41 0638 00 160 1⁄2
11⁄2"
16" 0,92" 3"
47
41 0638 00 180 1⁄2
11⁄2"
18" 0,92" 3"
47
41 0638 00 200 1⁄2
11⁄2"
20" 0,92" 3"
47
41 0638 00 240 1⁄2
11⁄2"
24" 0,92" 3"
47
41 0638 00 300 1⁄2
11⁄2"
30" 0,92" 3"
47
41 0638 00 360 1⁄2
11⁄2"
36" 0,92" 3"
47
*State length of hose required if ordering non-standard lengths.
Minimum length 6".
When installing a flexible hose the following simple rules should
be noted.
1.
Flexible hose is weakened when installed in a twisted
position.
2.
Ample bend radius should be allowed to avoid collapsing the
hose.
3.
When hose is installed in a flexing application remember that
metal end fittings are not part of the flexible portion.
4.
Use elbows or adaptors to eliminate excess hose bends.
Double wall brazed steel tubing is constructed from copper coated steel strip which is rolled twice around laterally, then
furnace brazed to produce a tube of double wall structure, with a clear, scale free coppered bore, a plated external
surface and a consistently uniform wall thickness.
Double Wall Brazed Steel Tube
Product
O/D
Inside
Min
Max
Number
tube
diameter
bend
working
3m straight size
radius
pressure (bar)
(10ft)
at 20°C*
BU6352010 5⁄32"
0,100"
3⁄8"
380
BU6353010 3⁄16"
0,131"
3⁄8"
340
BU6354010 1⁄4"
0,194"
1⁄2"
300
BU6355010 5⁄16"
0,256"
3⁄4"
250
BU6356010 3⁄8"
0,319"
7⁄8"
195
BU6357010 1⁄2"
0,444"
13⁄4"
160
Tolerance on outside diameters are –0,003" to +0,002".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com