전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5V522CPWR.B 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TS5V522CPWR.B
상세설명  5V, 5-BITS VIDEO EXCHANGE SWITCH FOR DUAL VGA SOURCE TO SINK -2V UNDERSHOOT PROTECTION WITH LOW ON-STATE RESISTANCE
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TS5V522CPWR.B 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TS5V522CPWR.B Datasheet HTML 6Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 7Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 8Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 9Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 10Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 11Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 12Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 13Page - Texas Instruments TS5V522CPWR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Ω
TS5V522C
SCDS317
– MARCH 2011
www.ti.com
For additional information, refer to the TI application report, Measuring Differential Gain and Phase, literature number
SLOA040.
Figure 10. Test Circuit for Differential Gain/Phase Measurement
The differential gain and phase is measured at the output of the ON channel. For example, when VIN = 0, VEN =
0, and DA is the input, the output is measured at S1A.
HP8753ES Setup
Average = 20
RBW = 300 Hz
Smoothing = 2%
VBIAS = 0 to 1 V
ST = 1.381 s.
P1 =
–7 dBM
CW frequency = 3.58 MHz
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TS5V522C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com