| 전자부품 데이터시트 검색엔진 |
|
PFS7523L/H 데이터시트(PDF) 29 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7523L/H 데이터시트(HTML) 29 Page - Power Integrations, Inc. |
|
29 / 37 page ![]() Rev. D 04/25 29 PFS7523-7529/7533-7539 www.power.com Parameter Symbol Conditions Min Typ Max Units Qspeed Diode (3A) PFS7523-7529/7533-7535 DC Characteristics Reverse Current I R V R = 530 V T J(D) = 25 °C 0.4 µ A T J(D) = 100 °C 0.07 mA Forward Voltage V F I F = 3 A T J(D) = 25 °C 1.55 V T J(D) = 100 °C 1.47 Junction Capacitance C J V R = 10 V, 1 MHz 18 pF Dynamic Characteristics (Note: See Figures 19, 20 for dynamic characteristic definition) Reverse Recovery Time t RR di/dt = 200 A/µs, V R = 400 V I F = 3 A T J(D) = 25 °C 26.5 ns T J(D) = 100 °C 32 Reverse Recovery Charge Q RR di/dt = 200 A/µs, V R = 400 V I F = 3 A T J(D) = 25 °C 40.6 nC T J(D) = 100 °C 65.7 Maximum Reverse Recovery Current I RRM di/dt = 200 A/µs, V R = 400 V I F = 3 A T J(D) = 25 °C 2.1 A T J(D) = 100 °C 3.0 Softness Factor = t B/tA S di/dt = 200 A/µs, V R = 400 V I F = 3 A T J(D) = 25 °C 1 T J(D) = 100 °C 0.45 |