| 전자부품 데이터시트 검색엔진 |
|
PFS7525L/H 데이터시트(PDF) 16 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
PFS7525L/H 데이터시트(HTML) 16 Page - Power Integrations, Inc. |
|
16 / 37 page ![]() Rev. D 04/25 16 PFS7523-7529/7533-7539 www.power.com Output Capacitor For a 385 V nominal PFC, use of an electrolytic capacitor with 450 V or higher continuous rating is recommended. The capacitance required is dependent on the acceptable level of output ripple and any hold up time requirements. The equations below provide an easy way to determine the required capacitance in order to meet the hold-up time requirement and also to meet the output ripple require- ments. The higher of the two values would be required to be used: calculated using the equation: C O PFC output capacitance in F. P O PFC output power in watts. t HOLD-UP Hold-up time specification for the power supply in seconds. V OUT Lowest nominal output voltage of the PFC in volts. V OUT(MIN) Lowest permissible output voltage of the PFC at the end of hold-up time in volts. Capacitance required for meeting the low frequency ripple specifica- tion is calculated using the equation: ^h f L Input frequency in Hz. Δ V O Peak-peak output voltage ripple in volts. η PFC PFC operating efficiency. I O(MAX) Maximum output current in amps. Capacitance calculated using the above method should be appropri- ately increased to account for ageing and tolerances. Power Supply for the IC A 12 V regulated supply should be used for the HiperPFS-3. If the VCC exceeds 15 V, the HiperPFS-3 may be damaged. In most applications a simple series pass linear regulator made using an NPN transistor and Zener diode is adequate since the HiperPFS-3 only requires approximately I CC(ON) maximum for its operation. It is recommended that a 1 µF or larger, low ESR ceramic capacitor be used to decouple the VCC supply. This capacitor should be placed directly at the IC pin on the circuit board. Line-Sense Network The line-sense network connected to the VOLTAGE MONITOR pin provides input voltage information to the HiperPFS-3. A value of 16 MΩ is chosen in this example design to minimize power consumption in these resistors. Only 1% tolerance resistors are recommended. A decoupling capacitor of 470 pF is required to be connected in parallel with the bottom resistor from the VOLTAGE MONITOR pin to the GROUND pin of the HiperPFS-3. This capacitor should be placed directly at the IC pin on the circuit board. Feedback Network A resistor divider network that provides 3.85 V at the FEEDBACK pin at the rated output voltage should be used for optimal performance. It should be scaled in direct proportion to the VOLTAGE MONITOR pin resistor divider network in order to ensure proper regulation and power delivery. The HiperPFS-3 controller has been optimized for operation with an output voltage of 385 VDC. Applications requiring voltages that deviate from this nominal parameter, thereby requiring a FEEDBACK pin divider ratio other than the recommended 100:1, need to be evaluated for trade-offs of the key target parameters of the specific design. E.g.: the VOLTAGE MONITOR pin divider ratio can be modified to be equivalent to that of the feedback divider in order to optimize power factor. However, this will have an impact on power limit, as well as brown-in/brown-out thresholds, etc. Modification of within ±10 V of nominal should not result in dramatically compro- mised performance, but should be thoroughly verified. Changes in excess of this are not recommended. Itemized trade-offs of this type are outside the scope of this data sheet. The recommended circuit and the associated component values are shown in Figure 15. Resistors, R1 to R4 comprise of the main output voltage divider network. The sum of resistors R1, R2 and R3 is the upper divider resistor and the lower feedback resistor is R4. Capacitor C1 is to filter any switching noise from coupling into the FEEDBACK pin. Resistor R5, capacitor C2 and C3 is the loop compensation network required to tailor the loop response to ensure low cross-over frequency and sufficient phase margin. The recommended values for the compo- nents used are as follows: R1 = 3.74 MΩ R2 = 6.2 MΩ R3 = 6.2 MΩ R5 = 30.1 kΩ C1 = 470 pF C2 = 1 µF C3 = 100 nF When the above component values are used, the value of resistor R4 can be calculated using the equation below: ^ h V O Output voltage. V FB(REF) FEEDBACK pin voltage, 3.85 V. PI-7258-061615 S C PGT FB VCC PG B+ R2 R4 R5 C3 CREF C2 R1 R3 C1 K D REF G V CONTROL HiperPFS-3 Figure 15. Recommended Feedback Circuit. |