| 전자부품 데이터시트 검색엔진 |
|
PSPT-187-2-WT-R 데이터시트(PDF) 10 Page - Brady Worldwide, Inc. |
|
|
|||||||||||||||||||||||||||||
PSPT-187-2-WT-R 데이터시트(HTML) 10 Page - Brady Worldwide, Inc. |
|
10 / 20 page ![]() 10 Wire & Cable Materials Approx. wire gauge based on AWG for THHN wire. Heat-Shrinkable Polyolefin Wire Marking Sleeves B-321 Solvent-Resistant, Heat-Shrinkable Material Dot matrix printable, wire and cable heat shrinkable sleeve. Excellent resistance to oil and solvents. Figure 36 B A Diagram Catalog Number B-# Material Color Label Width A Inch (mm) Label Height B Inch (mm) Approx. Wire Gauge Labels Per Row Labels Per Pkg Rec. Ribbon Fig. 36 PTS-0.45-350-321 B-321 Polyolefin White 0.450 (11.4) 0.350 (8.9) 16 to 10 1 500 M61-R6210 Fig. 36 PTS-0.95-350-321 B-321 Polyolefin White 0.950 (24.1) 0.350 (8.9) 16 to 10 1 500 M61-R6210 Fig. 36 PTS-1.90-350-321 B-321 Polyolefin White 1.900 (48.3) 0.350 (8.9) 16 to 10 1 500 M61-R6210 Fig. 36 PTS-0.45-500-321 B-321 Polyolefin White 0.450 (11.4) 0.500 (12.7) 10 to 8 1 500 M61-R6210 Fig. 36 PTS-0.95-500-321 B-321 Polyolefin White 0.950 (24.1) 0.500 (12.7) 10 to 8 1 500 M61-R6210 Fig. 36 PTS-1.90-500-321 B-321 Polyolefin White 1.900 (48.3) 0.500 (12.7) 10 to 8 1 500 M61-R6210 Fig. 36 PTS-0.95-750-321 B-321 Polyolefin White 0.950 (24.1) 0.750 (19.1) 4 to 2 1 250 M61-R6210 Fig. 36 PTS-1.90-750-321 B-321 Polyolefin White 1.900 (48.3) 0.750 (19.1) 4 to 2 1 250 M61-R6210 Fig. 36 PTS-0.95-1000-321 B-321 Polyolefin White 0.950 (24.1) 1.000 (25.4) 1 to 00 1 250 M61-R6210 Fig. 36 PTS-1.90-1000-321 B-321 Polyolefin White 1.900 (48.3) 1.000 (25.4) 1 to 00 1 250 M61-R6210 Nylon Cloth B-499 Permanent Adhesive Nylon Material Nylon cloth with permanent adhesive for environments with heat, cold, oil and dirt. Ideal for wire and cable marking, electronic component marking, and general ID. Figure 29 A B Diagram Catalog Number B-# Material Color Label Width A Inch (mm) Label Height B Inch (mm) Approx. Wire Gauge Labels Per Row Labels Per Pkg Rec. Ribbon Fig. 29 PTL-7-499 B-499 Nylon White 0.500 (12.7) 0.500 (12.7) 22 to 16 1 500 M61-R4310 Fig. 29 BM71-11-499 B-499 Nylon White 0.500 (12.7) 0.750 (19.1) 16 to 10 1 5000 M61-R4310 Fig. 29 PTL-11-499 B-499 Nylon White 0.500 (12.7) 0.750 (19.1) 16 to 10 1 500 M61-R4310 Fig. 29 PTL-16-499 B-499 Nylon White 0.375 (9.5) 1.000 (25.4) 12 to 10 1 500 M61-R4310 Fig. 29 PTL-18-499 B-499 Nylon White 0.750 (19.1) 1.000 (25.4) 12 to 10 1 250 M61-R4310 Fig. 29 PTL-19-499 B-499 Nylon White 1.000 (25.4) 1.000 (25.4) 12 to 10 1 250 M61-R4310 Fig. 29 PTL-28-499 B-499 Nylon White 0.250 (6.4) 1.500 (38.1) 10 to 4 1 750 M61-R4310 Fig. 29 PTL-29-499 B-499 Nylon White 0.500 (12.7) 1.500 (38.1) 10 to 4 1 500 M61-R4310 Fig. 29 PTL-30-499 B-499 Nylon White 0.750 (19.1) 1.500 (38.1) 10 to 4 1 250 M61-R4310 Fig. 29 PTL-31-499 B-499 Nylon White 1.000 (25.4) 1.500 (38.1) 10 to 4 1 250 M61-R4310 Fig. 29 PTL-21-499 B-499 Nylon White 1.000 (25.4) 2.500 (63.5) Cables 1 100 M61-R4310 Fig. 29 PTL-23-499 B-499 Nylon White 1.000 (25.4) 4.000 (101.6) Cables 1 100 M61-R4310 Fig. 29 PTL-81-499 B-499 Nylon White 1.900 (48.3) 0.250 (6.3) - 1 750 M61-R4310 Fig. 29 PTL-84-499 B-499 Nylon White 0.900 (22.9) 0.500 (12.7) - 1 500 M61-R4310 Fig. 29 PTL-78-499 B-499 Nylon White 1.900 (48.3) 1.000 (25.4) - 1 250 M61-R4310 |