| 전자부품 데이터시트 검색엔진 |
|
IPC0170 데이터시트(PDF) 1 Page - Proto Advantage SMD Adapter |
|
|
|||||||||||||||||||||||||||||
IPC0170 데이터시트(HTML) 1 Page - Proto Advantage SMD Adapter |
|
1 / 2 page ![]() Datasheet revision 1.0 www.Proto-Advantage.com BGA-24 to DIP-24 SMT Adapter (1.0 mm pitch, 8 x 6 mm body) DIMENSIONS REF. mm inches MIN. TYP. MAX. MIN. TYP. MAX. C 0.40 D 0.60 E 1.00 E2 1.00 F 0.300 G 0.100 H 0.025 Top View (SMT Footprint) (Representative drawing only - not to scale) 1 © 2015 Proto Advantage C D E2 E IIIP P PC C C0 0 01 1 17 7 70 0 0 |
유사한 부품 번호 - IPC0170 |
|
유사한 설명 - IPC0170 |