전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC12DL040CIVS/NOPB 데이터시트(PDF) 24 Page - Texas Instruments

부품명 ADC12DL040CIVS/NOPB
상세설명  ADC12DL040 Dual 12-Bit, 40 MSPS, 3V, 210mW A/D Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC12DL040CIVS/NOPB 데이터시트(HTML) 24 Page - Texas Instruments

Back Button ADC12DL040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC12DL040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
ADC12DL040
SNAS250D – FEBRUARY 2005 – REVISED APRIL 2013
www.ti.com
The Power Down Mode Exit Cycle time is determined by the value of the components on pins 4, 5, 6, 12, 13 and
14 and is about 500 µs with the recommended components on the VRP, VRM and VRN reference bypass pins.
These capacitors loose their charge in the Power Down mode and must be recharged by on-chip circuitry before
conversions can be accurate. Smaller capacitor values allow slightly faster recovery from the power down mode,
but can result in a reduction in SNR, SINAD and ENOB performance.
DF/DCS
Duty cycle stablization and output data format are selectable using this quad state function pin. When enabled,
duty cycle stabilization can compensate for clock inputs with duty cycles ranging from 20% to 80% and generate
a stable internal clock, improving the performance of the part. The Duty Cycle Stabilizer circuit requires a fast
clock edge to produce the internal clock, which is the reason for the rise and fall time requirement listed in the
specifications table.
With DF/DCS = VA the output data format is offset binary and duty cycle stabilization is applied to the clock. With
DF/DCS = 0 the output data format is 2's complement and duty cycle stabilization is applied to the clock. With
DF/DCS = VRMA or VRMB the output data format is 2's complement and duty cycle stabilization is not used. If
DF/DCS is floating, the output data format is offset binary and duty cycle stabilization is not used. While the
sense of this pin may be changed "on the fly," doing this is not recommended as the output data could be
erroneous for a few clock cycles after this change is made.
MULTIPLEX
With the MULTIPLEX pin at a logic low, the digital output words from channels A and B are available on separate
digital output buses (Parallel mode). When MULTIPLEX is high, the digital output words are multiplexed on pins
DA0:DA11 (Multiplex Mode). The DB0/ABb pin changes synchronously with the multiplexed outputs, and is high
when channel A data is present on the outputs, and low when channel B data is present.
OUTPUTS
The ADC12DL040 has 12 TTL/CMOS compatible Data Output pins for each output. Valid data is present at
these outputs while the OE and PD pins are low. In the parallel mode, the data should be captured with the CLK
signal. Depending on the setup and hold time requirements of the receiving circuit (ASIC), either the rising edge
or the falling edge of the CLK signal can be used to latch the data. Generally, rising-edge-capture would
maximize setup time with minimal hold time; while falling-edge-capture would maximize hold time with minimal
setup time. However, actual timing for the falling-edge case depends greatly on the CLK frequency and both
cases also depend on the delays inside the ASIC. Refer to the Tod spec in AC Electrical Characteristics.
In Multiplex mode, both channel outputs are available on DA0:DA11. The ABb signal is available to de-multiplex
the output bus. The ABb signal may also be used to latch the data in the ASIC thus avoiding the use of the CLK
signal altogether. However, since the ABb signal edges are provided in-phase with the data transitions, generally
the ASIC circuitry would have to delay the ABb signal with respect to the data in order to use it as the clock for
the capturing latches. It is also possible to use the CLK signal to latch the data in the multiplexed mode as well -
as described in the previous paragraph.
Be very careful when driving a high capacitance bus. The more capacitance the output drivers must charge for
each conversion, the more instantaneous digital current flows through VDR and DR GND. These large charging
current spikes can cause on-chip ground noise and couple into the analog circuitry, degrading dynamic
performance. Adequate bypassing, limiting output capacitance and careful attention to the ground plane will
reduce this problem. Additionally, bus capacitance beyond the specified 15 pF/pin will cause tOD to increase,
making it difficult to properly latch the ADC output data. The result could be an apparent reduction in dynamic
performance.
To minimize noise due to output switching, minimize the load currents at the digital outputs. This can be done by
connecting buffers (74ACQ541, for example) between the ADC outputs and any other circuitry. Only one driven
input should be connected to each output pin. Additionally, inserting series resistors of about 100
Ω at the digital
outputs, close to the ADC pins, will isolate the outputs from trace and other circuit capacitances and limit the
output currents, which could otherwise result in performance degradation. See Figure 37.
24
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC12DL040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38