| 전자부품 데이터시트 검색엔진 |
|
BQ78350DBTR-R1 데이터시트(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
BQ78350DBTR-R1 데이터시트(HTML) 9 Page - Texas Instruments |
|
9 / 31 page ![]() 4.160 4.165 4.170 4.175 4.180 4.185 4.190 ±40 ±20 0 20 40 60 80 Temperature ( ƒC) C005 2.55 2.60 2.65 2.70 2.75 2.80 2.85 2.90 2.95 3.00 3.05 ±40 ±20 0 20 40 60 80 Temperature ( ƒC) C003 32.55 32.60 32.65 32.70 32.75 32.80 32.85 ±40 ±20 0 20 40 60 80 Temperature ( ƒC) C004 9 bq78350-R1 www.ti.com SLUSCD0B – AUGUST 2015 – REVISED NOVEMBER 2018 Product Folder Links: bq78350-R1 Submit Documentation Feedback Copyright © 2015–2018, Texas Instruments Incorporated Typical Characteristics (continued) Figure 4. LED Sink Current Figure 5. LFO Frequency Figure 6. HFO Frequency 8 Detailed Description 8.1 Overview The bq78350-R1 Li-Ion and LiFePO4 Battery Management Controller is the companion to the bq769x0 family of Analog Front End (AFE) protection devices. This chipset supports 3-series to 15-series cell applications with capacities up to 320 Ah, and is suitable for a wide range of portable or stationary battery applications. The bq78350-R1 device provides an accurate fuel gauge and state-of-health (SoH) monitor, as well as the cell balancing algorithm and a full range of voltage-, current-, and temperature-based protection features. The battery data that the bq78350-R1 device gathers can be accessed via an SMBus 1.1 interface, and state-of- charge (SoC) data can be displayed through optional LED or LCD display configurations. Battery history and diagnostic data are also kept within the device in non-volatile memory and are available over the same SMBus interface. |