전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LX34070T-H/ST 데이터시트(PDF) 1 Page - Microchip Technology

부품명 LX34070T-H/ST
상세설명  High Speed Inductive Positions Sensor with Diff erential Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LX34070T-H/ST 데이터시트(HTML) 1 Page - Microchip Technology

  LX34070T-H/ST Datasheet HTML 1Page - Microchip Technology LX34070T-H/ST Datasheet HTML 2Page - Microchip Technology LX34070T-H/ST Datasheet HTML 3Page - Microchip Technology LX34070T-H/ST Datasheet HTML 4Page - Microchip Technology LX34070T-H/ST Datasheet HTML 5Page - Microchip Technology LX34070T-H/ST Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LX34070
High Speed Inductive Positions Sensor with Differential Outputs
Status: In Production.
Documentation
 Recommended for Automotive Design
Purchase Options
 Symbols
The LX34070 is an inductive position sensor IC for high-speed and noise-
immune automotive and industrial application and extremely flexible for
other applications. The two output signals that represent the absolute
position can be configured as single ended for reduced pin count or
differential to maximize noise immunity in remote applications. The device
uses PCB traces to both generate an magnetic excitation signal and detect
the presence of a metal targets positioned within the generated magnetic
field. The advantage of this is a magnetic field sensor that does not require
Overview
Features
Software
Development Environment
RoHS Information
Purchase


유사한 부품 번호 - LX34070T-H/ST

제조업체부품명데이터시트상세설명
logo
Banner Engineering Corp...
LX3 BANNER-LX3 Datasheet
746Kb / 6P
LX Series Part-Sensing Light Screen
LX3 BANNER-LX3 Datasheet
337Kb / 6P
LX Series Part-Sensing Light Curtain
09-Jul-25 Rev. I
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM MICROSEMI-LX3005CDM Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
LX3005CDM-TR MICROSEMI-LX3005CDM-TR Datasheet
104Kb / 3P
2A STEP-DOWN CONVERTER
More results

유사한 설명 - LX34070T-H/ST

제조업체부품명데이터시트상세설명
logo
Glenair, Inc.
859-041 GLENAIR-859-041 Datasheet
78Kb / 1P
100 OHM Diff erential Parallel Pair Data Cable
logo
AVAGO TECHNOLOGIES LIMI...
AEIC-7272-S16 AVAGO-AEIC-7272-S16 Datasheet
55Kb / 3P
Quad Diff erential Line Driver Separate Logic Bias and Driver Bias With Tri-State Outputs
logo
Linear Technology
LTC2996 LINER-LTC2996_15 Datasheet
236Kb / 16P
Temperature Sensor with Alert Outputs
logo
Vectron International, ...
MO-9200A VECTRON-MO-9200A Datasheet
303Kb / 6P
1-220 MHz High Performance Diff erential Oscillator
logo
AVAGO TECHNOLOGIES LIMI...
AEIC-2631-S16 AVAGO-AEIC-2631-S16 Datasheet
54Kb / 3P
Quad Diff erential Line Driver
AEIC-7273-S16 AVAGO-AEIC-7273-S16 Datasheet
55Kb / 3P
Quad Diff erential Line Driver LC With Open-Collector Outputs And Enable Function
logo
Turck, Inc.
BI1.5U-EG08-RP6X-H1341 TURCK-BI1.5U-EG08-RP6X-H1341 Datasheet
377Kb / 3P
Inductive sensor
BI1-EG05K-AN6X-V1331 TURCK-BI1-EG05K-AN6X-V1331 Datasheet
199Kb / 2P
Inductive sensor
BI2-CRS260-ADZ30X2-B3131 TURCK-BI2-CRS260-ADZ30X2-B3131 Datasheet
215Kb / 2P
Inductive sensor For high pressures
logo
Melexis Microelectronic...
MLX91218 MELEXIS-MLX91218 Datasheet
909Kb / 28P
High Speed Current Sensor IC with OCD
Rev003 2 March 2023
More results


Html Pages

1 2 3 4 5 6