| 전자부품 데이터시트 검색엔진 |
|
LX34070-H/ST 데이터시트(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LX34070-H/ST 데이터시트(HTML) 1 Page - Microchip Technology |
|
1 / 6 page ![]() LX34070 High Speed Inductive Positions Sensor with Differential Outputs Status: In Production. Documentation Recommended for Automotive Design Purchase Options Symbols The LX34070 is an inductive position sensor IC for high-speed and noise- immune automotive and industrial application and extremely flexible for other applications. The two output signals that represent the absolute position can be configured as single ended for reduced pin count or differential to maximize noise immunity in remote applications. The device uses PCB traces to both generate an magnetic excitation signal and detect the presence of a metal targets positioned within the generated magnetic field. The advantage of this is a magnetic field sensor that does not require Overview Features Software Development Environment RoHS Information Purchase |
유사한 부품 번호 - LX34070-H/ST |
|
유사한 설명 - LX34070-H/ST |