| 전자부품 데이터시트 검색엔진 |
|
PXPPVC05RAF03ACL100PVC 데이터시트(PDF) 7 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC05RAF03ACL100PVC 데이터시트(HTML) 7 Page - Bulgin Limited. All rights reserved. |
|
7 / 8 page ![]() BUCCANEER M5 Series M5 Flex Inline Body Male PXPTPU05FIM Part Number Poles Code Termination Lead Length Cable Material PXPPVC05FIM03ACL010PVC 03 A Overmold Cable 1 M Lead Length PVC PXPTPU05FIM03ACL010PUR 03 A Overmold Cable 1 M Lead Length PUR PXPPVC05FIM03ACL020PVC 03 A Overmold Cable 2 M Lead Length PVC PXPTPU05FIM03ACL020PUR 03 A Overmold Cable 2 M Lead Length PUR PXPPVC05FIM03ACL030PVC 03 A Overmold Cable 3 M Lead Length PVC PXPTPU05FIM03ACL030PUR 03 A Overmold Cable 3 M Lead Length PUR PXPPVC05FIM03ACL050PVC 03 A Overmold Cable 5 M Lead Length PVC PXPTPU05FIM03ACL050PUR 03 A Overmold Cable 5 M Lead Length PUR PXPPVC05FIM03ACL100PVC 03 A Overmold Cable 10 M Lead Length PVC PXPTPU05FIM03ACL100PUR 03 A Overmold Cable 10 M Lead Length PUR PXPPVC05FIM03ACL150PVC 03 A Overmold Cable 15 M Lead Length PVC PXPTPU05FIM03ACL150PUR 03 A Overmold Cable 15 M Lead Length PUR PXPPVC05FIM04ACL010PVC 04 A Overmold Cable 1 M Lead Length PVC PXPTPU05FIM04ACL010PUR 04 A Overmold Cable 1 M Lead Length PUR PXPPVC05FIM04ACL020PVC 04 A Overmold Cable 2 M Lead Length PVC PXPTPU05FIM04ACL020PUR 04 A Overmold Cable 2 M Lead Length PUR PXPPVC05FIM04ACL030PVC 04 A Overmold Cable 3 M Lead Length PVC PXPTPU05FIM04ACL030PUR 04 A Overmold Cable 3 M Lead Length PUR PXPPVC05FIM04ACL050PVC 04 A Overmold Cable 5 M Lead Length PVC PXPTPU05FIM04ACL050PUR 04 A Overmold Cable 5 M Lead Length PUR PXPPVC05FIM04ACL100PVC 04 A Overmold Cable 10 M Lead Length PVC PXPTPU05FIM04ACL100PUR 04 A Overmold Cable 10 M Lead Length PUR PXPPVC05FIM04ACL150PVC 04 A Overmold Cable 15 M Lead Length PVC PXPTPU05FIM04ACL150PUR 04 A Overmold Cable 15 M Lead Length PUR PXPPVC05FIM ○ Available in 3 and 4 poles ○ 1,2,3,5,10 & 15M cable options ○ Overmold Flex Inline Body ○ Mates with Flex Body & panel mount connectors M5 Buccaneer 6 |