| 전자부품 데이터시트 검색엔진 |
|
PXPPVC05RAM03ACL150PVC 데이터시트(PDF) 2 Page - Bulgin Limited. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PXPPVC05RAM03ACL150PVC 데이터시트(HTML) 2 Page - Bulgin Limited. All rights reserved. |
|
2 / 8 page ![]() Part Number Poles Code Termination Lead Length PXMBNI05RPF03AFL001 03 A Flying Lead 100 mm Lead Length PXMBNI05RPF03AFL002 03 A Flying Lead 200 mm Lead Length PXMBNI05RPF03AFL003 03 A Flying Lead 300 mm Lead Length PXMBNI05RPF04AFL001 04 A Flying Lead 100 mm Lead Length PXMBNI05RPF04AFL002 04 A Flying Lead 200 mm Lead Length PXMBNI05RPF04AFL003 04 A Flying Lead 300 mm Lead Length PXMBNI05RPF03APC 03 A PCB Terminal - PXMBNI05RPF04APC 04 A PCB Terminal - Part Number Poles Code Termination Lead Length PXMBNI05RPM03AFL001 03 A Flying Lead 100 mm Lead Length PXMBNI05RPM03AFL002 03 A Flying Lead 200 mm Lead Length PXMBNI05RPM03AFL003 03 A Flying Lead 300 mm Lead Length PXMBNI05RPM04AFL001 04 A Flying Lead 100 mm Lead Length PXMBNI05RPM04AFL002 04 A Flying Lead 200 mm Lead Length PXMBNI05RPM04AFL003 04 A Flying Lead 300 mm Lead Length PXMBNI05RPM03APC 03 A PCB Terminal - PXMBNI05RPM04APC 04 A PCB Terminal - ○ Rear panel mounting M5 nut ○ Mates with Flex Body connectors BUCCANEER M5 Series M5 Rear Panel Mounting Female PXMBNI05RPF M5 Rear Panel Mounting Male PXMBNI05RPM ○ Available in 3 and 4 poles ○ PCB or flying lead termination ○ Rear panel mounting M7 nut ○ Available in 3 and 4 poles ○ PCB or flying lead termination ○ Mates with Flex Inline Body connectors M5 Buccaneer 1 |