전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2623AMM/NOPB.B 데이터시트(PDF) 13 Page - Texas Instruments

부품명 LM2623AMM/NOPB.B
상세설명  LM2623 General-Purpose, Gated-Oscillator-Based DC-DC Boost Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM2623AMM/NOPB.B 데이터시트(HTML) 13 Page - Texas Instruments

Back Button LM2623AMM/NOPB.B Datasheet HTML 9Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 10Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 11Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 12Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 13Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 14Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 15Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 16Page - Texas Instruments LM2623AMM/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
LM2623
www.ti.com
SNVS188I – MAY 2004 – REVISED OCTOBER 2017
Product Folder Links: LM2623
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
10.2 Layout Example
10.3 WSON Package Devices
The LM2623 is offered in the 14-lead WSON surface mount package to allow for increased power dissipation
compared to the VSSOP-8. For details of the thermal performance as well as mounting and soldering
specifications, refer to Application Note AN-1187 Leadless Leadframe Package (LLP) (SNOA401).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23