| 전자부품 데이터시트 검색엔진 |
|
LM34CZ/NOPB 데이터시트(PDF) 27 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM34CZ/NOPB 데이터시트(HTML) 27 Page - Texas Instruments |
|
27 / 33 page ![]() www.ti.com EXAMPLE STENCIL DESIGN 8X (.061 ) [1.55] 8X (.024) [0.6] 6X (.050 ) [1.27] (.213) [5.4] (R.002 ) TYP [0.05] SOIC - 1.75 mm max height D0008A SMALL OUTLINE INTEGRATED CIRCUIT 4214825/C 02/2019 NOTES: (continued) 8. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate design recommendations. 9. Board assembly site may have different recommendations for stencil design. SOLDER PASTE EXAMPLE BASED ON .005 INCH [0.125 MM] THICK STENCIL SCALE:8X SYMM SYMM 1 4 5 8 |