전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TOP222YN 데이터시트(PDF) 14 Page - Power Integrations, Inc.

부품명 TOP222YN
상세설명  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERINT [Power Integrations, Inc.]
홈페이지  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP222YN 데이터시트(HTML) 14 Page - Power Integrations, Inc.

Back Button TOP222YN Datasheet HTML 10Page - Power Integrations, Inc. TOP222YN Datasheet HTML 11Page - Power Integrations, Inc. TOP222YN Datasheet HTML 12Page - Power Integrations, Inc. TOP222YN Datasheet HTML 13Page - Power Integrations, Inc. TOP222YN Datasheet HTML 14Page - Power Integrations, Inc. TOP222YN Datasheet HTML 15Page - Power Integrations, Inc. TOP222YN Datasheet HTML 16Page - Power Integrations, Inc. TOP222YN Datasheet HTML 17Page - Power Integrations, Inc. TOP222YN Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Rev. G 08/16
14
TOP221-227
www.power.com
Figure 11. TOPSwitch CONTROL Pin I-V Characteristic.
Figure 10. TOPSwitch Duty Cycle Measurement.
Figure 12. Self-protection Current Limit Envelope.
PI-2031-040401
∆ID
100 ns
tLEB
DRAIN
CURRENT
0 A
Figure 13. Example of ∆I
D on Drain Current Waveform with
Saturated Transformer.
0.8
1.3
1.2
1.1
0.9
0.8
1.0
0
0
1
2
6
8
3
Time (µs)
4
5
7
0.7
0.6
0.5
0.4
0.3
0.2
0.1
ILIMIT(MAX) @ 25 ˚C
ILIMIT(MIN) @ 25 ˚C
IINIT(MIN) @ 85 VAC
IINIT(MIN) @ 265 VAC
tLEB (Blanking Time)
PI-2039-033001
DRAIN
VOLTAGE
HV
0 V
90%
10%
90%
t2
t1
D =
t1
t2
120
100
80
40
20
60
0
0
2
4
6
8
10
CONTROL Pin Voltage (V)
1
Slope
Dynamic
Impedance
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com