| 전자부품 데이터시트 검색엔진 |
|
TOP242FN-TL 데이터시트(PDF) 3 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP242FN-TL 데이터시트(HTML) 3 Page - Power Integrations, Inc. |
|
3 / 52 page ![]() TOP242-250 3 M 12/04 PI-2639-060600 SHUTDOWN/ AUTO-RESTART PWM COMPARATOR CLOCK SAW HALF FREQ. CONTROLLED TURN-ON GATE DRIVER CURRENT LIMIT COMPARATOR INTERNAL UV COMPARATOR INTERNAL SUPPLY 5.8 V 4.8 V SOURCE (S) S R Q DMAX STOP SOFT- START - + CONTROL (C) LINE-SENSE (L) EXTERNAL CURRENT LIMIT (X) FREQUENCY (F) - + 5.8 V 1 V IFB RE ZC VC + - LEADING EDGE BLANKING ÷ 8 1 HYSTERETIC THERMAL SHUTDOWN SHUNT REGULATOR/ ERROR AMPLIFIER + - DRAIN (D) ON/OFF SOFT START DCMAX VBG DCMAX VBG + VT 0 OV/UV VI (LIMIT) CURRENT LIMIT ADJUST LINE SENSE SOFT START LIGHT LOAD FREQUENCY REDUCTION STOP LOGIC OSCILLATOR WITH JITTER PI-2641-061200 SHUTDOWN/ AUTO-RESTART PWM COMPARATOR CLOCK SAW CONTROLLED TURN-ON GATE DRIVER CURRENT LIMIT COMPARATOR INTERNAL UV COMPARATOR INTERNAL SUPPLY 5.8 V 4.8 V SOURCE (S) S R Q DMAX STOP SOFT- START - + CONTROL (C) MULTI- FUNCTION (M) - + 5.8 V IFB RE ZC VC + - LEADING EDGE BLANKING ÷ 8 1 HYSTERETIC THERMAL SHUTDOWN SHUNT REGULATOR/ ERROR AMPLIFIER + - DRAIN (D) ON/OFF SOFT START DCMAX VBG DCMAX VBG + VT 0 OV/UV VI (LIMIT) CURRENT LIMIT ADJUST LINE SENSE SOFT START LIGHT LOAD FREQUENCY REDUCTION STOP LOGIC OSCILLATOR WITH JITTER Figure 2a. Functional Block Diagram (Y, R or F Package). Figure 2b. Functional Block Diagram (P or G Package). |