전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3526 데이터시트(PDF) 6 Page - Texas Instruments

부품명 LM3526
상세설명  LM3526 Dual Port USB Power Switch and Over-Current Protection
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM3526 데이터시트(HTML) 6 Page - Texas Instruments

Back Button LM3526 Datasheet HTML 2Page - Texas Instruments LM3526 Datasheet HTML 3Page - Texas Instruments LM3526 Datasheet HTML 4Page - Texas Instruments LM3526 Datasheet HTML 5Page - Texas Instruments LM3526 Datasheet HTML 6Page - Texas Instruments LM3526 Datasheet HTML 7Page - Texas Instruments LM3526 Datasheet HTML 8Page - Texas Instruments LM3526 Datasheet HTML 9Page - Texas Instruments LM3526 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
LM3526
SNVS054E – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VIN = 5.0V, IL = 500 mA, TA = 25°C unless otherwise specified.
Fault Flag Delay
Fault Flag Delay
vs
vs
Temperature
Temperature
Figure 10.
Figure 11.
Under Voltage Lockout Threshold
vs
Under Voltage Lockout (UVLO)
Temperature
Figure 12.
Figure 13.
Short Circuit Response with
Over Current/Current Limit Response*
Thermal Cycling*
* Output is shorted to Ground through a 100 m
Ω resistor
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3526



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com