전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4030 데이터시트(PDF) 12 Page - Texas Instruments

부품명 LM4030
상세설명  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM4030 데이터시트(HTML) 12 Page - Texas Instruments

Back Button LM4030 Datasheet HTML 8Page - Texas Instruments LM4030 Datasheet HTML 9Page - Texas Instruments LM4030 Datasheet HTML 10Page - Texas Instruments LM4030 Datasheet HTML 11Page - Texas Instruments LM4030 Datasheet HTML 12Page - Texas Instruments LM4030 Datasheet HTML 13Page - Texas Instruments LM4030 Datasheet HTML 14Page - Texas Instruments LM4030 Datasheet HTML 15Page - Texas Instruments LM4030 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
x 0.1
VREF
= Percent_Error
VERROR
x 10
3
VREF
= ppmERROR
VERROR
x 10
3
VREF
2
n
= VERROR
LM4030
SNVS552B – MARCH 2008 – REVISED APRIL 2013
www.ti.com
Bit error (1 bit) to voltage error (mV):
(5)
VREF is in volts (V), VERROR is in milli-volts (mV), and n is the number of bits.
mV to ppm error in output voltage:
where
•
VREF is in volts (V) and VERROR is in milli-volts (mV)
(6)
Voltage error (mV) to percentage error (percent):
where
•
VREF is in volts (V) and VERROR is in milli-volts (mV)
(7)
PRINTED CIRCUIT BOARD and LAYOUT CONSIDERATIONS
The LM4030 has a very small change in reverse voltage with current (25ppm/mA typical) so large variations in
load current (up to 50mA) should not appreciably shift VREF. Parasitic resistance between the LM4030 and the
load introduces a voltage drop proportional to load current and should be minimized. The LM4030 should be
placed as close to the load it is driving as the layout will allow. The location of RZ is not important, but COUT
should be as close to the LM4030 as possible so added ESR does not degrade the transient performance.
12
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM4030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com