| 전자부품 데이터시트 검색엔진 |
|
LM6584MT/NOPB 데이터시트(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM6584MT/NOPB 데이터시트(HTML) 2 Page - Texas Instruments |
|
2 / 33 page ![]() LM6584 SNOSA44C – MAY 2003 – REVISED MARCH 2013 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) ESD Tolerance(3) Human Body Model 2KV Machine Model 200V Supply Voltage (V+ - V−) 14V Differential Input Voltage ±5.5V Output Short Circuit to Ground(4) Continuous Storage Temperature Range −65°C to 150°C Input Common Mode Voltage V− to V+ Junction Temperature(5) 150°C (1) Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see the Electrical Characteristics. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) For testing purposes, ESD was applied using human body model, 1.5k Ω in series with 100pF. (4) Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the maximum allowed junction temperature of 150°C (5) The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(MAX) - TA)/ θJA . All numbers apply for packages soldered directly onto a PC board. Operating Ratings (1) Supply Voltage 5V ≤ VS ≤ 13V Temperature Range −40°C to +85°C Thermal Resistance ( θJA) SOIC 145°C/W TSSOP 155°C/W (1) Absolute maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test conditions, see the Electrical Characteristics. 2 Submit Documentation Feedback Copyright © 2003–2013, Texas Instruments Incorporated Product Folder Links: LM6584 |