전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1119005 데이터시트(PDF) 5 Page - Lapp.

부품명 1119005
상세설명  ÖLFLEX® CLASSIC 110
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LAPP [Lapp.]
홈페이지  https://e.lapp.com/us/
Logo LAPP - Lapp.

1119005 데이터시트(HTML) 5 Page - Lapp.

  1119005 Datasheet HTML 1Page - Lapp. 1119005 Datasheet HTML 2Page - Lapp. 1119005 Datasheet HTML 3Page - Lapp. 1119005 Datasheet HTML 4Page - Lapp. 1119005 Datasheet HTML 5Page - Lapp. 1119005 Datasheet HTML 6Page - Lapp. 1119005 Datasheet HTML 7Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Article number
Number of cores and mm² per
conductor
Outer diameter [mm]
Copper index (kg/km)
Weight (kg/km)
1119216
16 G 1.0
11.8
153.6
266
1119218
18 G 1.0
12.7
173
320
1119868
18 X 1.0
12.7
173
320
1119220
20 G 1.0
13.4
192
330
1119870
20 X 1.0
13.4
192
330
1119225
25 G 1.0
14.7
240
408
1119226
26 G 1.0
15.1
249
424
1119234
34 G 1.0
17.1
326
551
1119236
36 G 1.0
17.4
346
578
1119241
41 G 1.0
18.8
394
661
1119250
50 G 1.0
20.6
480
797
1119256
56 G 1.0
21.4
538
888
1119261
61 G 1.0
22.1
586
958
1119265
65 G 1.0
23.6
624
1033
1119280
80 G 1.0
25.3
768
1251
1119300
100 G 1.0
28.3
960
1560
1119902
2 X 1.5
6.3
29
68
1119303
3 G 1.5
6.7
43
84
1119903
3 X 1.5
6.7
43
84
1119304
4 G 1.5
7.2
58
104
1119904
4 X 1.5
7.2
58
104
1119305
5 G 1.5
8.1
72
128
1119905
5 X 1.5
8.1
72
128
1119306
6 G 1.5
8.4
86.4
157
1119307
7 G 1.5
8.9
101
166
1119907
7 X 1.5
8.9
101
166
1119308
8 G 1.5
10.6
115
210
1119313
8 X 1.5
10.6
116
210
1119309
9 G 1.5
11.4
130
221
1119310
10 G 1.5
11.6
143
243
1119311
11 G 1.5
11.6
158
258
1119312
12 G 1.5
12
173
279
1119912
12 X 1.5
12
173
279
1119314
14 G 1.5
12.7
202
323



Html Pages

1 2 3 4 5 6 7